Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 42 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 42 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 38Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 39Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 40Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 41Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 42Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 43Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 44Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 45Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 46Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 28
Advance v0.5
Table 2-33 • Summary of I/O Timing Characteristics—Software Default Settings, Std. Speed Grade,
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Advanced I/O Banks
3.3 V LVTTL /
3.3 V LVCMOS
12 mA
High
5 pF
1.55 2.66 0.26 0.98 1.10 2.71 2.18 3.23 3.92 8.52 7.99 ns
2.5 V LVCMOS
12 mA
High
5 pF
1.55 2.63 0.26 1.20 1.10 2.68 2.30 3.28 3.77 8.48 8.10 ns
1.8 V LVCMOS
12 mA
High
5 pF
1.55 2.71 0.26 1.11 1.10 2.76 2.44 3.56 4.17 8.57 8.24 ns
1.5 V LVCMOS
12 mA
High
5 pF
1.55 2.95 0.26 1.27 1.10 3.00 2.70 3.74 4.21 8.81 8.51 ns
1.2 V LVCMOS
2 mA
High
5 p
1.55 3.61 0.26 1.58 1.10 3.45 3.33 3.94 3.66 9.05 8.93 ns
3.3 V PCI
Per PCI
spec
High
10pF 25 2 1.55 2.90 0.26 0.86 1.10 2.95 2.29 3.23 3.92 8.76 8.10 ns
3.3 V PCI-X
Per PCI-X
spec
High
10pF 25 2 1.55 2.90 0.25 0.86 1.10 2.95 2.29 3.23 3.92 8.76 8.10 ns
LVDS
24 mA
High
1.55 2.19 0.25 1.52
ns
LVPECL
24 mA
High
1.55 2.24 0.25 1.37
ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
2. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-12 on
page 2-62 for connectivity. This resistor is not required during normal operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn