Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AGL1000V2-FGG144I Datasheet(PDF) 41 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo 

AGL1000V2-FGG144I Datasheet(HTML) 41 Page - Actel Corporation

Zoom Inzoom in Zoom Outzoom out
 41 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-27
Table 2-31 • Summary of I/O Timing Characteristics—Software Default Settings, Std. Speed Grade,
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Plus I/O Banks
3.3 V LVTTL /
3.3 V LVCMOS
12 mA
High
5 pF
0.97 1.75 0.19 0.85 0.66 1.78 1.39 2.36 2.79 5.31 4.92 ns
2.5 V LVCMOS
12 mA
High
5 pF
0.97 1.75 0.19 1.08 0.66 1.78 1.51 2.38 2.69 5.32 5.04 ns
1.8 V LVCMOS
8 mA
High
5 pF
0.97 1.97 0.19 1.01 0.66 2.01 1.76 2.46 2.66 5.54 5.29 ns
1.5 V LVCMOS
4 mA
High
5 pF
0.97 2.25 0.19 1.17 0.66 2.29 1.99 2.53 2.68 5.82 5.52 ns
3.3 V PCI
Per PCI
spec
High 10pF
25 2 0.97 1.96 0.19 0.73 0.66 2.00 1.50 2.36 2.79 5.53 5.03 ns
3.3 V PCI-X
Per
PCI-X
spec
High 10pF
25 2 0.97 1.96 0.19 0.70 0.66 2.00 1.50 2.36 2.79 5.53 5.03 ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.
2. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-12 on
page 2-62 for connectivity. This resistor is not required during normal operation.
Table 2-32 • Summary of I/O Timing Characteristics—Software Default Settings, Std. Speed Grade,
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard I/O Banks
3.3 V LVTTL /
3.3 V LVCMOS
8 mA
High
5 pF
0.97
1.85
0.19
0.83
0.66
1.88
1.45
1.96
2.26
ns
2.5 V LVCMOS
8 mA
High
5 pF
0.97
1.88
0.19
1.04
0.66
1.92
1.62
1.95
2.14
ns
1.8 V LVCMOS
4 mA
High
5 pF
0.97
2.18
0.19
0.98
0.66
2.22
1.93
1.96
2.06
ns
1.5 V LVCMOS
2 mA
High
5 pF
0.97
2.51
0.19
1.13
0.66
2.56
2.20
1.99
2.03
ns
Notes:
1. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.
2. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-12 on
page 2-62 for connectivity. This resistor is not required during normal operation.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn