Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AGL1000V2-FGG144I Datasheet(PDF) 38 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo 

AGL1000V2-FGG144I Datasheet(HTML) 38 Page - Actel Corporation

Zoom Inzoom in Zoom Outzoom out
 38 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 24
Advance v0.5
Table 2-26 • Summary of Maximum and Minimum DC Input and Output Levels Applicable to Commercial and
Industrial Conditions—Software Default Settings
Applicable to Standard I/O Banks
I/O Standard
Drive
Strength
Slew
Rate
VIL
VIH
VOL
VOH
IOL
1
IOH
1
Min, V
Max, V
Min, V
Max, V
Max, V
Min, V
mA
mA
3.3 V LVTTL /
3.3 V LVCMOS
8 mA
High
–0.3
0.8
2
3.6
0.4
2.4
8
8
3.3 V LVCMOS
Wide Range
Any2
High
–0.3
0.8
2
3.6
0.2
VCCI – 0.2
0.1
0.1
2.5 V LVCMOS
8 mA
High
–0.3
0.7
1.7
2.7
0.7
1.7
8
8
1.8 V LVCMOS
4 mA
High
–0.3
0.35 * VCCI 0.65 * VCCI
1.9
0.45
VCCI
0.45
44
1.5 V LVCMOS
2 mA
High
–0.3
0.35 * VCCI 0.65 * VCCI
1.575
0.25 * VCCI
0.75 *
VCCI
22
1.2 V LVCMOS3
1 mA
High
–0.3
0.35 * VCCI 0.65 * VCCI
1.26
0.25 * VCCI
0.75 *
VCCI
11
Notes:
1. Currents are measured at 85°C junction temperature.
2. All LVMCOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JDEC8a
specification.
3. Applicable to V2 Devices only.
Table 2-27 • Summary of Maximum and Minimum DC Input Levels
Applicable to Commercial and Industrial Conditions
DC I/O Standards
Commercial1
Industrial2
IIL
IIH
IIL
IIH
µA
µA
µA
µA
3.3 V LVTTL / 3.3 V LVCMOS
10
10
15
15
3.3 V LVCMOS Wide Range
10
10
15
15
2.5 V LVCMOS
10
10
15
15
1.8 V LVCMOS
10
10
15
15
1.5 V LVCMOS
10
10
15
15
1.2 V LVCMOS3
10
10
15
15
3.3 V PCI
10
10
15
15
3.3 V PCI-X
10
10
15
15
Notes:
1. Commercial range (0°C < TA < 70°C)
2. Industrial range (–40°C < TA < 85°C)
3. Applicable to V2 Devices only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn