Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 33 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 33 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 29Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 30Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 31Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 32Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 33Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 34Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 35Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 36Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 37Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-19
User I/O Characteristics
Timing Model
Figure 2-3 • Timing Model
Operating Conditions: Std. Speed, Commercial Temperature Range (TJ = 70°C), Worst-Case
VCC = 1.425 V, for DC 1.5 V Core Voltage, Applicable to V2 and V5 Devices
DQ
Y
Y
DQ
DQ
DQ
Y
Combinational Cell
Combinational Cell
Combinational Cell
I/O Module
(Registered)
I/O Module
(Non-Registered)
Register Cell
Register Cell
I/O Module
(Registered)
I/O Module
(Non-Registered)
LVPECL (Applicable to
Advanced I/O Banks Only)L
LVPECL
(Applicable
to Advanced
I/O Banks only)
LVDS,
BLVDS,
M-LVDS
(Applicable for
Advanced I/O
Banks only)
LVTTL 3.3 V Output drive
strength = 12 mA High slew rate
Y
Combinational Cell
Y
Combinational Cell
Y
Combinational Cell
I/O Module
(Non-Registered)
LVTTL Output drive strength = 8 mA
High slew rate
I/O Module
(Non-Registered)
LVCMOS 1.5 V Output drive strength = 4 mA
High slew rate
LVTTL Output drive strength = 12 mA
High slew rate
I/O Module
(Non-Registered)
Input LVTTL
Clock
Input LVTTL
Clock
Input LVTTL
Clock
tPD = 1.22 ns
tPD = 1.20 ns
tDP = 1.72 ns
tPD = 1.80 ns
tDP = 3.05 ns (Advanced I/O Banks)
tPD = 1.49 ns
tDP = 4.12 ns (Advanced I/O Banks)
tPD = 0.86 ns
tDP = 4.42 ns (Advanced I/O Banks)
tPD = 0.92 ns
tPY = 0.87 ns
(Advanced I/O Banks)
tCLKQ = 0.90 ns
tOCLKQ = 1.02 ns
tSUD = 0.82 ns
tOSUD = 0.52 ns
tDP = 3.05 ns
(Advanced I/O Banks)
tPY = 0.87 ns (Advanced I/O Banks)
tPY = 1.35 ns
tCLKQ = 0.90 ns
tSUD = 0.82 ns
tPY = 0.87 ns
(Advanced I/O Banks)
tICLKQ = 0.43 ns
tISUD = 0.47 ns
tPY = 1.20 ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn