Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 28 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 28 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 24Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 25Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 26Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 27Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 28Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 29Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 30Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 31Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 32Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 14
Advance v0.5
Table 2-20 • Different Components Contributing to Dynamic Power Consumption in IGLOO Devices
For IGLOO V2 Devices, 1.2 V DC Core Supply Voltage
Parameter
Definition
Device Specific Dynamic Power
(µW/MHz)
AGL1000 AGL600 AGL400 AGL250 AGL125 AGL060 AGL030 AGL015
PAC1
Clock contribution of a
Global Rib
9.28
8.19
8.19
7.07
7.07
5.96
5.96
5.96
PAC2
Clock contribution of a
Global Spine
1.59
1.19
1.01
1.01
0.52
0.52
0.26
0.26
PAC3
Clock contribution of a
VersaTile row
0.52
PAC4
Clock contribution of a
VersaTile used as a
sequential module
0.07
PAC5
First contribution of a
VersaTile used as a
sequential module
0.045
PAC6
Second contribution of
a VersaTile used as a
sequential module
0.186
PAC7
Contribution of a
VersaTile used as a
combinatorial module
0.11
PAC8
Average contribution
of a routing net
0.45
PAC9
Contribution of an I/O
input pin (standard-
dependent)
See Table 2-12 on page 2-9 through Table 2-14 on page 2-10.
PAC10
Contribution of an I/O
output pin (standard-
dependent)
See Table 2-15 on page 2-10 through Table 2-17 on page 2-11.
PAC11
Average contribution
of a RAM block during
a read operation
25.00
PAC12
Average contribution
of a RAM block during
a write operation
30.00
PAC13
Dynamic PLL
contribution
2.10
* For a different output load, drive strength, or slew rate, Actel recommends using the Actel power spreadsheet
calculator or SmartPower tool in Libero IDE.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn