Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 23 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 23 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 19Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 20Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 21Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 22Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 23Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 24Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 25Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 26Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 27Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-9
Power per I/O Pin
Table 2-12 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings
Applicable to Advanced I/O Banks
VCCI (V)
Static Power
PDC6 (mW)
1
Dynamic Power
PAC9 (µW/MHz)
2
Single-Ended
3.3 V LVTTL /
3.3 V LVCMOS
3.3
16.27
2.5 V LVCMOS
2.5
4.65
1.8 V LVCMOS
1.8
1.61
1.5 V LVCMOS (JESD8-11)
1.5
0.96
1.2 V LVCMOS3
1.2
0.58
3.3 V PCI
3.3
17.67
3.3 V PCI-X
3.3
17.67
Differential
LVDS
2.5
2.26
0.89
LVPECL
3.3
5.72
1.63
Notes:
1. PDC6 is the static power (where applicable) measured on VCCI.
2. PAC9 is the total dynamic power measured on VCCI.
3. Applicable for IGLOO V2 devices only
Table 2-13 • Summary of I/O Input Buffer Power (per pin) – Default I/O Software Settings
Applicable to Standard Plus I/O Banks
VCCI (V)
Static Power
PDC6 (mW)
1
Dynamic Power
PAC9 (µW/MHz)
2
Single-Ended
3.3 V LVTTL /
3.3 V LVCMOS
3.3
16.41
2.5 V LVCMOS
2.5
4.75
1.8 V LVCMOS
1.8
1.66
1.5 V LVCMOS (JESD8-11)
1.5
1.00
1.2 V LVCMOS3
1.2
0.61
3.3 V PCI
3.3
17.78
3.3 V PCI-X
3.3
17.78
Notes:
1. PDC6 is the static power (where applicable) measured on VCCI.
2. PAC9 is the total dynamic power measured on VCCI.
3. Applicable for IGLOO V2 devices only.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn