Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 21 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 21 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 17Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 18Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 19Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 20Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 21Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 22Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 23Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 24Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 25Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-7
Calculating Power Dissipation
Quiescent Supply Current
Quiescent supply current (IDD) calculation depends on multiple factors, including operating
voltages (VCC, VCCI, and VJTAG), operating temperature, system clock frequency, and power modes
usage. Actel recommends using the PowerCalculator and SmartPower software estimation tools to
evaluate the projected static and active power based on the user design, power mode usage,
operating voltage, and temperature.
Table 2-7 •
Temperature and Voltage Derating Factors for Timing Delays (normalized to TJ = 70°C,
VCC =1.14V)
For IGLOO V2, 1.2 V DC Core Supply Voltage
Array Voltage
VCC (V)
Junction Temperature (°C)
–40°C
0°C
25°C
70°C
85°C
110°C
1.14
0.97
0.98
0.99
1.00
1.01
1.01
1.2
0.86
0.87
0.89
0.89
0.90
0.91
1.26
0.79
0.80
0.81
0.82
0.83
0.83
Table 2-8 •
Quiescent Supply Current (IDD) Characteristics, IGLOO Flash*Freeze Mode*
Core
Voltage
AGL015 AGL030
AGL060
AGL125
AGL250
AGL400
AGL600
AGL1000
Units
Typical
(25°C)
1.2 V
44
8
13
20
27
30
44
µA
1.5 V
6
6
10
18
34
51
72
127
µA
* IDD includes VCC, VPUMP, VCCI, VJTAG, and VCCPLL currents. Values do not include I/O static contribution (PDC6 and
PDC7).
Table 2-9 •
Quiescent Supply Current (IDD) Characteristics, IGLOO Sleep Mode (VCC = 0 V)*
Core
Voltage AGL015 AGL030 AGL060 AGL125 AGL250 AGL400 AGL600 AGL1000 Units
VCCI/VJTAG = 1.2 V (per
bank) Typical (25°C)
1.2 V
1.7
1.7
1.7
1.7
1.7
1.7
1.7
1.7
µA
VCCI/VJTAG = 1.5 V (per
bank) Typical (25°C)
1.2 V /
1.5 V
1.8
1.8
1.8
1.8
1.8
1.8
1.8
1.8
µA
VCCI / VJTAG = 1.8 V
(per
bank)
Typical
(25°C)
1.2 V /
1.5 V
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
µA
VCCI / VJTAG = 2.5 V
(per
bank)
Typical
(25°C)
1.2 V /
1.5 V
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
µA
VCCI / VJTAG = 3.3 V
(per
bank)
Typical
(25°C)
1.2 V /
1.5 V
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
µA
* IDD includes VCC, VPUMP, and VCCPLL currents. Values do not include I/O static contribution (PDC6 and PDC7).
Table 2-10 • Quiescent Supply Current (IDD) Characteristics, IGLOO Shutdown Mode (VCC, VCCI = 0 V)*
Core Voltage
AGL015
AGL030
Units
Typical (25°C)
1.2 V / 1.5 V
0
0
µA
* IDD includes VCC, VPUMP, VCCI, VJTAG , and VCCPLL currents. Values do not include I/O static contribution (PDC6
and PDC7).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn