Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 13 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 13 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 9Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 10Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 11Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 12Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 13Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 14Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 15Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 16Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 212 page
background image
IGLOO Low-Power Flash FPGAs
v1.3
1 - 9
51700095-001-1
(January 2008)
This document was updated to include AGL015 device information. QN68 is a new
package that was added because it is offered in the AGL015. The following
sections were updated:
"Features and Benefits"
"IGLOO Ordering Information"
"Temperature Grade Offerings"
"IGLOO Product Family"
"IGLOO FPGAs Package Sizes Dimensions"
"AGL015 and AGL030" note
"IGLOO Device Family Overview"
N/A
The "Temperature Grade Offerings" table was updated to include M1AGL600.
IV
In the "IGLOO Ordering Information" table, the QN package measurements were
updated to include both 0.4 mm and 0.5 mm.
III
In the "General Description" section, the number of I/Os was updated from 288 to
300.
1-5
51700095-001-0
(January 2008)
The "Low Power" section was updated to change the description of low-power
active FPGA operation to "from 12 µW" from "from 25 µW." The same update
was made in the "General Description" section and the "Flash*Freeze
Technology" section.
I, 1-1, 1-5
Advance v0.7
(November
2007)
This document was previously in datasheet Advance v0.7. As a result of moving to
the handbook format, Actel has restarted the version numbers. The new version
number is 51700095-001-0.
N/A
Advance v0.6
(November
2007)
Table 1 • IGLOO Product Family, the "I/Os Per Package1" table, and the
Temperature Grade Offerings table were updated to reflect the following: CS196
is now supported for AGL250; device/package support for QN132 is to be
determined for AGL250; the CS281 package was added for AGL600 and AGL1000.
i, ii, iv
Table 2 • IGLOO FPGAs Package Sizes Dimensions is new, and package sizes were
removed from the "I/Os Per Package1" table.
ii
The "I/Os Per Package1"table was updated to reflect 77 instead of 79 single-
ended I/Os for the VG100 package for AGL030.
ii
Advance v0.6
(November
2007)
A note was added to "IGLOO Ordering Information" regarding marking
information.
iii
Advance v0.5
(September
2007)
Table 1 • IGLOO Product Family, the "I/Os Per Package1" table, and the "IGLOO
Ordering Information", and the Temperature Grade Offerings table were
updated to add the UC81 package.
i, ii, iii, iv
Advance v0.4
(September
2007)
Table 1 • IGLOO Product Family was updated for AGL030 in the Package Pins
section to change CS181 to CS81.
i
Advance v0.3
(August 2007)
Cortex-M1 device information was added to Table 1 • IGLOO Product Family, the
"I/Os Per Package1" table, "IGLOO Ordering Information", and Temperature
Grade Offerings.
i, ii, iii, iv
The number of single-ended I/Os for the CS81 package for AGL030 was updated
to 66 in the "I/Os Per Package1" table.
ii
Advance v0.2
(July 2007)
In Table 1 • IGLOO Product Family, the CS81 package was added for AGL030. The
CS196 was replaced by the CS121 for AGL060. Table note 3 was moved to the
specific packages to which it applies for AGL060: QN132 and FG144.
i
The CS81 and CS121 packages were added to the "I/Os Per Package1" table. The
number of single-ended I/Os was removed for the CS196 package in AGL060.
Table note 6 was moved to the specific packages to which it applies for AGL060:
QN132 and FG144.
ii
Previous Version
Changes in Current Version (v1.3)
Page


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn