Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AGL1000V2-FGG144I Datasheet(PDF) 12 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo 

AGL1000V2-FGG144I Datasheet(HTML) 12 Page - Actel Corporation

Zoom Inzoom in Zoom Outzoom out
 12 / 212 page
background image
IGLOO Device Family Overview
1- 8
v1.3
Part Number and Revision Date
Part Number 51700095-001-6
Revised December 2008
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous Version
Changes in Current Version (v1.3)
Page
v1.2
(October 2008)
QN48 and QN68 were added to the AGL030 for the following tables:
"IGLOO Product Family"
"IGLOO Ordering Information"
"Temperature Grade Offerings"
N/A
QN132 is fully supported by AGL125 so footnote 3 was removed.
v1.1
(July 2008)
This document was updated to include AGL400 device information. The following
sections were updated:
"IGLOO Product Family"
"IGLOO Ordering Information"
"Temperature Grade Offerings"
"IGLOO Product Family"
Figure 1-2 · IGLOO Device Architecture Overview with Four I/O Banks (AGL250,
AGL600, AGL400, and AGL1000)
N/A
v1.0
(March 2008)
As a result of the Libero IDE v8.4 release, Actel now offers a wide range of core
voltage support. The document was updated to change 1.2 V / 1.5 V to 1.2 V to
1.5 V.
N/A
51700095-001-3
(March 2008)
This document was divided into two sections and given a version number, starting
at v1.0. The first section of the document includes features, benefits, ordering
information, and temperature and speed grade offerings. The second section is a
device family overview.
N/A
51700095-001-2
(February 2008)
The "Low Power" section was updated to change "1.2 V and 1.5 V Core Voltage"
to "1.2 V and 1.5 V Core and I/O Voltage." The text "(from 12 µW)" was removed
from "Low-Power Active FPGA Operation."
1.2_V was added to the list of core and I/O voltages in the "Advanced I/O" and
"I/Os with Advanced I/O Standards" sections.
I
I, 1-7
The "Embedded Memory" section was updated to remove the footnote reference
from the section heading and place it instead after "4,608-Bit" and "True Dual-Port
SRAM (except ×18)."
I


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn