Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 99 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 99 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 95Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 96Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 97Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 98Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 99Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 100Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 101Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 102Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 103Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-85
Timing Characteristics
1.5 V DC Core Voltage
1.2 V DC Core Voltage
Table 2-149 • Combinatorial Cell Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Combinatorial Cell
Equation
Parameter
Std.
Units
INV
Y =!A
tPD
0.80
ns
AND2
Y = A · B
tPD
0.84
ns
NAND2
Y = !(A · B)
tPD
0.90
ns
OR2
Y = A + B
tPD
1.19
ns
NOR2
Y = !(A + B)
tPD
1.10
ns
XOR2
Y = A
Bt
PD
1.37
ns
MAJ3
Y = MAJ(A , B, C)
tPD
1.33
ns
XOR3
Y = A
B Ct
PD
1.79
ns
MUX2
Y = A !S + B S
tPD
1.48
ns
AND3
Y = A · B · C
tPD
1.21
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.
Table 2-150 • Combinatorial Cell Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Combinatorial Cell
Equation
Parameter
Std.
Units
INV
Y = !A
tPD
1.34
ns
AND2
Y = A · B
tPD
1.43
ns
NAND2
Y = !(A · B)
tPD
1.59
ns
OR2
Y = A + B
tPD
2.30
ns
NOR2
Y = !(A + B)
tPD
2.07
ns
XOR2
Y = A
Bt
PD
2.46
ns
MAJ3
Y = MAJ(A , B, C)
tPD
2.46
ns
XOR3
Y = A
B Ct
PD
3.12
ns
MUX2
Y = A !S + B S
tPD
2.83
ns
AND3
Y = A · B · C
tPD
2.28
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn