Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AGL1000V2-FGG144I Datasheet(PDF) 93 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo 

AGL1000V2-FGG144I Datasheet(HTML) 93 Page - Actel Corporation

Zoom Inzoom in Zoom Outzoom out
 93 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-79
1.2 V DC Core Voltage
Table 2-145 • Input DDR Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V
Parameter
Description
Std.
Units
tDDRICLKQ1
Clock-to-Out Out_QR for Input DDR
0.76
ns
tDDRICLKQ2
Clock-to-Out Out_QF for Input DDR
0.94
ns
tDDRISUD1
Data Setup for Input DDR (negedge)
0.93
ns
tDDRISUD2
Data Setup for Input DDR (posedge)
0.84
ns
tDDRIHD1
Data Hold for Input DDR (negedge)
0.00
ns
tDDRIHD2
Data Hold for Input DDR (posedge)
0.00
ns
tDDRICLR2Q1
Asynchronous Clear-to-Out Out_QR for Input DDR
1.23
ns
tDDRICLR2Q2
Asynchronous Clear-to-Out Out_QF for Input DDR
1.42
ns
tDDRIREMCLR
Asynchronous Clear Removal Time for Input DDR
0.00
ns
tDDRIRECCLR
Asynchronous Clear Recovery Time for Input DDR
0.24
ns
tDDRIWCLR
Asynchronous Clear Minimum Pulse Width for Input DDR
0.19
ns
tDDRICKMPWH
Clock Minimum Pulse Width HIGH for Input DDR
0.31
ns
tDDRICKMPWL
Clock Minimum Pulse Width LOW for Input DDR
0.28
ns
FDDRIMAX
Maximum Frequency for Input DDR
TBD
MHz
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn