Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 86 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 86 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 82Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 83Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 84Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 85Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 86Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 87Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 88Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 89Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 90Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 72
Advance v0.5
Input Register
Timing Characteristics
1.5 V DC Core Voltage
Figure 2-18 • Input Register Timing Diagram
50%
Preset
Clear
Out_1
CLK
Data
Enable
t
ISUE
50%
50%
t
ISUD
t
IHD
50%
50%
t
ICLKQ
1
0
t
IHE
t
IRECPRE
t
IREMPRE
t
IRECCLR
t
IREMCLR
t
IWCLR
t
IWPRE
t
IPRE2Q
t
ICLR2Q
t
ICKMPWH tICKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-137 • Input Data Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
Std.
Units
tICLKQ
Clock-to-Q of the Input Data Register
0.42
ns
tISUD
Data Setup Time for the Input Data Register
0.47
ns
tIHD
Data Hold Time for the Input Data Register
0.00
ns
tISUE
Enable Setup Time for the Input Data Register
0.67
ns
tIHE
Enable Hold Time for the Input Data Register
0.00
ns
tICLR2Q
Asynchronous Clear-to-Q of the Input Data Register
0.79
ns
tIPRE2Q
Asynchronous Preset-to-Q of the Input Data Register
0.79
ns
tIREMCLR
Asynchronous Clear Removal Time for the Input Data Register
0.00
ns
tIRECCLR
Asynchronous Clear Recovery Time for the Input Data Register
0.24
ns
tIREMPRE
Asynchronous Preset Removal Time for the Input Data Register
0.00
ns
tIRECPRE
Asynchronous Preset Recovery Time for the Input Data Register
0.24
ns
tIWCLR
Asynchronous Clear Minimum Pulse Width for the Input Data Register
0.19
ns
tIWPRE
Asynchronous Preset Minimum Pulse Width for the Input Data Register
0.19
ns
tICKMPWH
Clock Minimum Pulse Width HIGH for the Input Data Register
0.31
ns
tICKMPWL
Clock Minimum Pulse Width LOW for the Input Data Register
0.28
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn