Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 81 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 81 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 77Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 78Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 79Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 80Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 81Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 82Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 83Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 84Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 85Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-67
Timing Characteristics
1.5 V DC Core Voltage
1.2 V DC Core Voltage
Table 2-131 • Minimum and Maximum DC Input and Output Levels
DC Parameter
Description
Min.
Max.
Min.
Max.
Min.
Max.
Units
VCCI
Supply Voltage
3.0
3.3
3.6
V
VOL
Output LOW Voltage
0.96
1.27
1.06
1.43
1.30
1.57
V
VOH
Output HIGH Voltage
1.8
2.11
1.92
2.28
2.13
2.41
V
VIL, VIH
Input LOW, Input HIGH Voltages
0
3.3
0
3.6
0
3.9
V
VODIFF
Differential Output Voltage
0.625
0.97
0.625
0.97
0.625
0.97
V
VOCM
Output Common-Mode Voltage
1.762
1.98
1.762
1.98
1.762
1.98
V
VICM
Input Common-Mode Voltage
1.01
2.57
1.01
2.57
1.01
2.57
V
VIDIFF
Input Differential Voltage
300
300
300
mV
Table 2-132 • AC Waveforms, Measuring Points, and Capacitive Loads
Input LOW (V)
Input HIGH (V)
Measuring Point* (V)
1.64
1.94
Cross point
* Measuring point = Vtrip. See Table 2-28 on page 2-87 for a complete table of trip points.
Table 2-133 • LVPECL – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
Units
Std.
0.97
1.67
0.19
1.16
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.
Table 2-134 • LVPECL – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 3.0 V
Applicable to Standard Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
Units
Std.
1.55
2.24
0.25
1.37
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn