Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 80 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 80 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 76Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 77Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 78Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 79Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 80Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 81Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 82Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 83Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 84Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 66
Advance v0.5
B-LVDS/M-LVDS
Bus LVDS (B-LVDS) and Multipoint LVDS (M-LVDS) specifications extend the existing LVDS standard
to high-performance multipoint bus applications. Multidrop and multipoint bus configurations
may contain any combination of drivers, receivers, and transceivers. Actel LVDS drivers provide the
higher drive current required by B-LVDS and M-LVDS to accommodate the loading. The drivers
require series terminations for better signal quality and to control voltage swing. Termination is
also required at both ends of the bus since the driver can be located anywhere on the bus. These
configurations can be implemented using the TRIBUF_LVDS and BIBUF_LVDS macros along with
appropriate terminations. Multipoint designs using Actel LVDS macros can achieve up to 200 MHz
with a maximum of 20 loads. A sample application is given in Figure 2-14. The input and output
buffer delays are available in the LVDS section in Table 2-129 on page 2-65 and Table 2-130 on
page 2-65.
Example: For a bus consisting of 20 equidistant loads, the following terminations provide the
required differential voltage, in worst-case Industrial operating conditions, at the farthest receiver:
RS =60 Ω and RT =70 Ω, given Z0 =50 Ω (2") and Zstub =50 Ω (~1.5").
LVPECL
Low-Voltage Positive Emitter-Coupled Logic (LVPECL) is another differential I/O standard. It
requires that one data bit be carried through two signal lines. Like LVDS, two pins are needed. It
also requires external resistor termination.
The full implementation of the LVDS transmitter and receiver is shown in an example in
Figure 2-15. The building blocks of the LVPECL transmitter-receiver are one transmitter macro, one
receiver macro, three board resistors at the transmitter end, and one resistor at the receiver end.
The values for the three driver resistors are different from those used in the LVDS implementation
because the output standard specifications are different.
Figure 2-14 • B-LVDS/M-LVDS Multipoint Application Using LVDS I/O Buffers
...
R
T
R
T
BIBUF_LVDS
R
+
-
T
+
-
R
+
-
T
+
-
D
+
-
EN
EN
EN
EN
EN
Receiver
Transceiver
Receiver
Transceiver
Driver
R
S
R
S
R
S
R
S
R
S
R
S
R
S
R
S
R
S
R
S
Z
stub
Z
stub
Z
stub
Z
stub
Z
stub
Z
stub
Z
stub
Z
stub
Z
0
Z
0
Z
0
Z
0
Z
0
Z
0
Z
0
Z
0
Z
0
Z
0
Z
0
Z
0
Figure 2-15 • LVPECL Circuit Diagram and Board-Level Implementation
187 W
100
Z0 = 50 Ω
Z0 = 50 Ω
100
100
+
P
N
P
N
INBUF_LVPECL
OUTBUF_LVPECL
FPGA
FPGA
Bourns Part Number: CAT16-PC4F12


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn