Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 79 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 79 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 75Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 76Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 77Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 78Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 79Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 80Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 81Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 82Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 83Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-65
Timing Characteristics
1.5 V DC Core Voltage
1.2 V DC Core Voltage
Table 2-127 • Minimum and Maximum DC Input and Output Levels
DC Parameter
Description
Min.
Typ.
Max.
Units
VCCI
Supply Voltage
2.375
2.5
2.625
V
VOL
Output LOW Voltage
0.9
1.075
1.25
V
VOH
Output HIGH Voltage
1.25
1.425
1.6
V
IOL
4
Output Lower Current
0.65
0.91
1.16
mA
IOH
4
Output HIGH Current
0.65
0.91
1.16
mA
VI
Input Voltage
0
2.925
V
IIH
3
Input HIGH Leakage Current
10
µA
IIL
3
Input LOW Leakage Current
10
µA
VODIFF
Differential Output Voltage
250
350
450
mV
VOCM
Output Common-Mode Voltage
1.125
1.25
1.375
V
VICM
Input Common-Mode Voltage
0.05
1.25
2.35
V
VIDIFF
Input Differential Voltage
100
350
mV
Notes:
1. ± 5%
2. Differential input voltage = ±350 mV.
3. Currents are measured at 85°C junction temperature.
4. IOL/IOH is defined by VODIFF/(resistor network).
Table 2-128 • AC Waveforms, Measuring Points, and Capacitive Loads
Input LOW (V)
Input HIGH (V)
Measuring Point* (V)
1.075
1.325
Cross point
* Measuring point = Vtrip. See Table 2-28 on page 2-25 for a complete table of trip points.
Table 2-129 • LVDS – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
Units
Std.
0.97
1.67
0.19
1.31
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 and Table 2-7
on page 2-7 for derating values.
Table 2-130 • LVDS – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Banks
Speed Grade
tDOUT
tDP
tDIN
tPY
Units
Std.
1.55
2.19
0.25
1.52
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 and Table 2-7
on page 2-7 for derating values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn