Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 76 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 76 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 72Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 73Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 74Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 75Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 76Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 77Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 78Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 79Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 80Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 62
Advance v0.5
3.3 V PCI, 3.3 V PCI-X
Peripheral Component Interface for 3.3 V standard specifies support for 33 MHz and 66 MHz PCI
Bus applications.
AC loadings are defined per the PCI/PCI-X specifications for the datapath; Actel loadings for enable
path characterization are described in Figure 2-12.
AC loadings are defined per PCI/PCI-X specifications for the datapath; Actel loading for tristate is
described in Table 2-122.
Table 2-121 • Minimum and Maximum DC Input and Output Levels
Applicable to Advanced and Standard Plus I/Os
3.3 V PCI/PCI-X
VIL
VIH
VOL
VOH
IOL IOH
IOSH
IOSL
IIL
IIH
Drive Strength Min, V Max, V Min, V Max, V Max, V Min, V mA mA Max, mA1 Max, mA1 µA2 µA2
Per PCI
specification
Per PCI curves
10
10
Notes:
1. Currents are measured at 100°C junction temperature and maximum voltage.
2. Currents are measured at 85°C junction temperature.
Figure 2-12 • AC Loading
Test Point
Enable Path
R to V
for t /t /t
CCI
LZ ZL
ZLS
10 pF for t
/t
/t /t
ZH ZHS
ZLS
ZL
5 pF for tHZ /tLZ
R to GND for t
/t
/t
HZ
ZH
ZHS
R = 1 k
Test Point
Datapath
R = 25
R to VCCI for tDP (F)
R to GND for tDP (R)
Table 2-122 • AC Waveforms, Measuring Points, and Capacitive Loads
Input LOW (V)
Input HIGH (V)
Measuring Point* (V)
CLOAD (pF)
0
3.3
0.285 * VCCI for tDP(R)
0.615 * VCCI for tDP(F)
10
* Measuring point = Vtrip. See Table 2-28 on page 2-25 for a complete table of trip points.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn