Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 71 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 71 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 67Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 68Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 69Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 70Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 71Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 72Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 73Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 74Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 75Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-57
Table 2-105 • 1.5 V LCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.4 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade tDOUT
tDP
tDIN tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
1.55
7.16
0.26 1.27
1.10
7.29
6.60
3.32 3.01 13.10 12.41
ns
4 mA
Std.
1.55
6.26
0.26 1.27
1.10
6.37
5.86
3.59 3.49 12.18 11.67
ns
6 mA
Std.
1.55
5.93
0.26 1.27
1.10
6.04
5.70
3.65 3.62 11.85 11.51
ns
8 mA
Std.
1.55
5.85
0.26 1.27
1.10
5.96
5.72
3.75 4.10 11.77 11.52
ns
12 mA
Std.
1.55
5.85
0.26 1.27
1.10
5.96
5.72
3.75 4.10 11.77 11.52
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-106 • 1.5 V LCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.4 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
1.55
3.43 0.26 1.27
1.10
3.49 3.36 3.31 3.10
9.30
9.16
ns
4 mA
Std.
1.55
3.04 0.26 1.27
1.10
3.10 2.89 3.58 3.59
8.91
8.70
ns
6 mA
Std.
1.55
4.11 0.26 1.27
1.10
4.10 4.11 3.59 3.72
9.91
9.92
ns
8 mA
Std.
1.55
2.95 0.26 1.27
1.10
3.00 2.70 3.74 4.21
8.81
8.51
ns
12 mA
Std.
1.55
2.95 0.26 1.27
1.10
3.00 2.70 3.74 4.21
8.81
8.51
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-107 • 1.5 V LCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.4 V
Applicable to Standard Plus Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
1.55
6.42 0.26 1.27
1.10
6.54 5.95 2.81 2.81 12.35 11.76
ns
4 mA
Std.
1.55
5.58 0.26 1.27
1.10
5.68 5.27 3.06 3.25 11.49 11.08
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-108 • 1.5 V LCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.4 V
Applicable to Standard Plus Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
1.55
3.01 0.26 1.27
1.10
3.07 2.81 2.80 2.90
8.88
8.62
ns
4 mA
Std.
1.55
2.67 0.26 1.27
1.10
2.72 2.39 3.05 3.36
8.53
8.20
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn