Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGL1000V2-FGG144I Datasheet(PDF) 66 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 66 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 62Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 63Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 64Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 65Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 66Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 67Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 68Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 69Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 70Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 52
Advance v0.5
1.2 V DC Core Voltage
Table 2-89 • 1.8 V LCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade tDOUT
tDP
tDIN tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
1.55
6.96
0.26 1.11
1.10
7.09
6.49
2.85 2.27 12.89 12.29
ns
4 mA
Std.
1.55
5.90
0.26 1.11
1.10
6.01
5.57
3.20 3.12 11.82 11.38
ns
6 mA
Std.
1.55
5.15
0.26 1.11
1.10
5.24
4.95
3.44 3.54 11.05 10.76
ns
8 mA
Std.
1.55
4.89
0.26 1.11
1.10
4.98
4.81
3.49 3.65 10.79 10.62
ns
12 mA
Std.
1.55
4.83
0.26 1.11
1.10
4.90
4.83
3.57 4.06 10.71 10.64
ns
16 mA
Std.
1.55
4.83
0.26 1.11
1.10
4.90
4.83
3.57 4.06 10.71 10.64
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-90 • 1.8 V LCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
1.55
3.73 0.26 1.11
1.10
3.71 3.73 2.85 2.32
9.52
9.54
ns
4 mA
Std.
1.55
3.11 0.26 1.11
1.10
3.16 2.97 3.19 3.21
8.97
8.78
ns
6 mA
Std.
1.55
2.78 0.26 1.11
1.10
2.84 2.60 3.43 3.63
8.64
8.40
ns
8 mA
Std.
1.55
2.72 0.26 1.11
1.10
2.77 2.52 3.49 3.74
8.58
8.33
ns
12 mA
Std.
1.55
2.71 0.26 1.11
1.10
2.76 2.44 3.56 4.17
8.57
8.24
ns
16 mA
Std.
1.55
2.71 0.26 1.11
1.10
2.76 2.44 3.56 4.17
8.57
8.24
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-91 • 1.8 V LCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Applicable to Standard Plus Banks
Drive Strength
Speed Grade tDOUT
tDP
tDIN tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
1.55
6.31
0.26 1.11
1.10
6.43
5.81
2.46 2.14 12.24 11.62
ns
4 mA
Std.
1.55
5.26
0.26 1.11
1.10
5.35
5.01
2.77 2.91 11.16 10.82
ns
6 mA
Std.
1.55
4.55
0.26 1.11
1.10
4.64
4.44
2.98 3.29 10.45 10.25
ns
8 mA
Std.
1.55
4.55
0.26 1.11
1.10
4.64
4.44
2.98 3.29 10.45 10.25
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn