Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AGL1000V2-FGG144I Datasheet(PDF) 64 Page - Actel Corporation

Part No. AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo 

AGL1000V2-FGG144I Datasheet(HTML) 64 Page - Actel Corporation

Zoom Inzoom in Zoom Outzoom out
 64 / 212 page
background image
IGLOO DC and Switching Characteristics
2- 50
Advance v0.5
Timing Characteristics
1.5 V DC Core Voltage
Table 2-83 • 1.8 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade tDOUT
tDP
tDIN tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.97
6.38
0.19 1.01
0.66
6.49
5.92
2.33 1.56 10.03
9.45
ns
4 mA
Std.
0.97
5.35
0.19 1.01
0.66
5.45
5.04
2.67 2.38
8.98
8.57
ns
6 mA
Std.
0.97
4.62
0.19 1.01
0.66
4.70
4.43
2.90 2.78
8.23
7.96
ns
8 mA
Std.
0.97
4.37
0.19 1.01
0.66
4.45
4.30
2.95 2.89
7.98
7.83
ns
12 mA
Std.
0.97
4.31
0.19 1.01
0.66
4.37
4.31
3.03 3.29
7.90
7.84
ns
16 mA
Std.
0.97
4.31
0.19 1.01
0.66
4.37
4.31
3.03 3.29
7.90
7.84
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.
Table 2-84 • 1.8 V LVCMOS High Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Advanced I/O Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.97
3.24 0.19 1.01
0.66
3.20 3.24 2.33 1.61
6.73
6.78
ns
4 mA
Std.
0.97
2.62 0.19 1.01
0.66
2.67 2.50 2.66 2.46
6.20
6.04
ns
6 mA
Std.
0.97
2.31 0.19 1.01
0.66
2.35 2.14 2.89 2.87
5.88
5.67
ns
8 mA
Std.
0.97
2.25 0.19 1.01
0.66
2.29 2.07 2.95 2.98
5.82
5.60
ns
12 mA
Std.
0.97
2.24 0.19 1.01
0.66
2.28 1.99 3.02 3.39
5.81
5.52
ns
16 mA
Std.
0.97
2.24 0.19 1.01
0.66
2.28 1.99 3.02 3.39
5.81
5.52
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.
Table 2-85 • 1.8 V LVCMOS Low Slew – Applies to 1.5 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Standard Plus Banks
Drive Strength
Speed Grade tDOUT
tDP
tDIN tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.97
5.78
0.19 1.01
0.66
5.89
5.31
1.95 1.46
9.42
8.84
ns
4 mA
Std.
0.97
4.75
0.19 1.01
0.66
4.84
4.53
2.25 2.21
8.37
8.06
ns
6 mA
Std.
0.97
4.07
0.19 1.01
0.66
4.14
3.97
2.46 2.57
7.67
7.50
ns
8 mA
Std.
0.97
4.07
0.19 1.01
0.66
4.14
3.97
2.46 2.57
7.67
7.50
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn