Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGL1000V2-FGG144I Datasheet(PDF) 61 Page - Actel Corporation

Part # AGL1000V2-FGG144I
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL1000V2-FGG144I Datasheet(HTML) 61 Page - Actel Corporation

Back Button AGL1000V2-FGG144I Datasheet HTML 57Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 58Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 59Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 60Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 61Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 62Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 63Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 64Page - Actel Corporation AGL1000V2-FGG144I Datasheet HTML 65Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 212 page
background image
IGLOO DC and Switching Characteristics
Ad vance v0.5
2-47
Table 2-76 • 2.5 V LCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Plus Banks
Drive Strength
Speed Grade
tDOUT tDP
tDIN
tPY tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
4 mA
Std.
1.55
2.90 0.26 1.20
1.10
2.95 2.66 2.48 2.70
8.76
8.47
ns
6 mA
Std.
1.55
2.50 0.26 1.20
1.10
2.54 2.18 2.74 3.19
8.35
7.99
ns
8 mA
Std.
1.55
2.50 0.26 1.20
1.10
2.54 2.18 2.74 3.19
8.35
7.99
ns
12 mA
Std.
1.55
2.28 0.26 1.20
1.10
2.32 1.95 2.92 3.50
8.13
7.75
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-77 • 2.5 V LCMOS Low Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Banks
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
Std.
1.55
4.84
0.26
1.15
1.10
4.93
4.56
2.12
2.22
ns
4 mA
Std.
1.55
4.84
0.26
1.15
1.10
4.93
4.56
2.12
2.22
ns
6 mA
Std.
1.55
4.08
0.26
1.15
1.10
4.16
3.96
2.37
2.69
ns
8 mA
Std.
1.55
4.08
0.26
1.15
1.10
4.16
3.96
2.37
2.69
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.
Table 2-78 • 2.5 V LCMOS High Slew – Applies to 1.2 V DC Core Voltage
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V
Applicable to Standard Banks
Drive Strength
Speed Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
Units
2 mA
Std.
1.55
2.75
0.26
1.15
1.10
2.80
2.53
2.12
2.31
ns
4 mA
Std.
1.55
2.75
0.26
1.15
1.10
2.80
2.53
2.12
2.31
ns
6 mA
Std.
1.55
2.38
0.26
1.15
1.10
2.42
2.05
2.37
2.79
ns
8 mA
Std.
1.55
2.38
0.26
1.15
1.10
2.42
2.05
2.37
2.79
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-7 on page 2-7 for derating
values.


Similar Part No. - AGL1000V2-FGG144I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL1000V2-FGG144I MICROSEMI-AGL1000V2-FGG144I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGL1000V2-FGG144I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com