Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORE429-AR Datasheet(PDF) 7 Page - Actel Corporation

Part # CORE429-AR
Description  ARINC 429 Bus Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

CORE429-AR Datasheet(HTML) 7 Page - Actel Corporation

Back Button CORE429-AR Datasheet HTML 3Page - Actel Corporation CORE429-AR Datasheet HTML 4Page - Actel Corporation CORE429-AR Datasheet HTML 5Page - Actel Corporation CORE429-AR Datasheet HTML 6Page - Actel Corporation CORE429-AR Datasheet HTML 7Page - Actel Corporation CORE429-AR Datasheet HTML 8Page - Actel Corporation CORE429-AR Datasheet HTML 9Page - Actel Corporation CORE429-AR Datasheet HTML 10Page - Actel Corporation CORE429-AR Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
ARINC 429 Bus Interface
v5.0
7
Figure 5 gives a functional description of the Tx block.
The Tx module converts the 32-bit parallel data from the
TX FIFO to serial data. It also inserts the parity bit into
the ARINC data when parity is enabled. The CPU
interface is used to fill the FIFO with ARINC data. The TX
FIFO can hold up to 512 ARINC words of data. The
transmission starts as soon as one complete ARINC word
has been stored in the transmit FIFO.
The Tx module contains two 8-bit registers. One is used
for a control function and the other is used for status.
The CPU interface allows the system CPU to access the
control and status registers within the core.
The TX FIFO asserts three status signals:
tx_fifo_empty: TX FIFO is empty
tx_fifo_half_full: TX FIFO is filled up to the
programmed TX_FIFO_LEVEL
tx_fifo_full: TX FIFO is full
Depending on the FIFO status signals, the CPU will either
read the FIFO before it overflows, or not attempt to read
the FIFO if it is empty. The interrupt signal int_out_tx is
generated
when
one
of
the
FIFO
status
signals
(tx_fifo_empty, tx_fifo_half_full and tx_fifo_full) are
high.
Legacy Mode
In this mode, there is a legacy interface block that
communicates with the CPU interface. When legacy
mode is enabled, the core supports two receive (Rx)
channels and one transmit (Tx) channel only. This is not
configurable.
Figure 5 •
Core429 Tx Block Diagram
32-Bit Parallel-
to-Serial Register
Control
Logic
Control Reg
Status Reg
CPU I/F
Parity
Generator
FIFO
clk
cpu_add
cpu_wen
cpu_ren
cpu_din
cpu_dout
cpu_wait
Waveform
Shaper
RxLo
RxHi
Load
Shift


Similar Part No. - CORE429-AR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CORE1553BRT MICROSEMI-CORE1553BRT Datasheet
1Mb / 65P
   HB0093 Handbook Core1553BRT v4.2
logo
Actel Corporation
CORE8051-AN ACTEL-CORE8051-AN Datasheet
367Kb / 41P
   Core8051
CORE8051-AR ACTEL-CORE8051-AR Datasheet
367Kb / 41P
   Core8051
CORE8051-EV ACTEL-CORE8051-EV Datasheet
367Kb / 41P
   Core8051
CORE8051-SN ACTEL-CORE8051-SN Datasheet
367Kb / 41P
   Core8051
More results

Similar Description - CORE429-AR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
logo
Holt Integrated Circuit...
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-6010 HOLTIC-HI-6010_06 Datasheet
115Kb / 12P
   ARINC 429 TRANSMITTER/RECEIVER FOR 8 BIT BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com