Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AGLE3000V2-FGG896I Datasheet(PDF) 3 Page - Actel Corporation

Part No. AGLE3000V2-FGG896I
Description  IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
Download  156 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo 

AGLE3000V2-FGG896I Datasheet(HTML) 3 Page - Actel Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
IGLOOe Low-Power Flash FPGAs
v1.2
III
IGLOOe Ordering Information
Notes:
1. Marking Information: IGLOO V2 devices do not have V2 marking, but IGLOO V5 devices are marked accordingly.
2. The DC and switching characteristics for the –F speed grade targets are based only on simulation. The characteristics
provided for the –F speed grade are subject to change after establishing FPGA specifications. Some restrictions might be
added and will be reflected in future revisions of this document. The –F speed grade is only supported in the commercial
temperature range.
V2
AGLE3000
FG
_
Part Number
Speed Grade
Blank = Standard
F = 20% Slower than Standard*
Package Type
FG = Fine Pitch Ball Grid Array (1.0 mm pitch)
896
I
Package Lead Count
Application (Temperature Range)
Blank = Commercial (0°C to +70°C Ambient Temperature)
I = Industrial (–40°C to +85°C Ambient Temperature)
PP = Pre-Production
ES = Engineering Sample (Room Temperature Only)
600,000 System Gates
AGLE600 =
3,000,000 System Gates
AGLE3000 =
G
Lead-Free Packaging
Blank = Standard Packaging
G = RoHS-Compliant Packaging
IGLOOe Devices
3,000,000 System Gates
Supply Voltage
2 = 1.2 V to 1.5 V
5 = 1.5 V only
IGLOOe Devices with Cortex-M1
M1AGLE3000 =


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn