Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGLE3000V2-FGG896I Datasheet(PDF) 2 Page - Actel Corporation

Part No. AGLE3000V2-FGG896I
Description  IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
Download  156 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLE3000V2-FGG896I Datasheet(HTML) 2 Page - Actel Corporation

  AGLE3000V2-FGG896I Datasheet HTML 1Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 2Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 3Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 4Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 5Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 6Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 7Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 8Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 156 page
background image
II
v1.2
I/Os Per Package1
IGLOOe Devices
AGLE600
AGLE3000
ARM-Enabled IGLOOe Devices
M1AGLE3000
Package
I/O Types
Single-Ended
I/O1
Differential
I/O Pairs
Single-Ended
I/O1
Differential
I/O Pairs
FG256
165
79
FG484
270
135
341
168
FG896
620
310
Notes:
1. When considering migrating your design to a lower- or higher-density device, refer to the IGLOOe Low-Power Flash
FPGAs with Flash*Freeze Technology handbook to ensure compliance with design and board migration requirements.
2. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
3. For AGLE3000 devices, the usage of certain I/O standards is limited as follows:
– SSTL3(I) and (II): up to 40 I/Os per north or south bank
– LVPECL / GTL+ 3.3 V / GTL 3.3 V: up to 48 I/Os per north or south bank
– SSTL2(I) and (II) / GTL+ 2.5 V/ GTL 2.5 V: up to 72 I/Os per north or south bank
4. FG256 and FG484 are footprint-compatible packages.
5. When using voltage-referenced I/O standards, one I/O pin should be assigned as a voltage-referenced pin (VREF) per
minibank (group of I/Os). When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not as a regular
I/O, the number of single-ended user I/Os available is reduced by one.
6. When the Flash*Freeze pin is used to directly enable Flash*Freeze mode and not as a regular I/O, the number of single-
ended user I/Os available is reduced by one.
7. "G" indicates RoHS-compliant packages. Refer to "IGLOOe Ordering Information" on page III for the location of the
"G" in the part number.
IGLOOe FPGAs Package Sizes Dimensions
Package
FG256
FG484
FG896
Length × Width (mm × mm)
17 × 17
23 × 23
31 × 31
Nominal Area (mm2)
289
529
961
Pitch (mm)
11
1
Height (mm)
1.6
2.23
2.23


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn