Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGLE3000V2-FGG896I Datasheet(PDF) 1 Page - Actel Corporation

Part No. AGLE3000V2-FGG896I
Description  IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
Download  156 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ACTEL [Actel Corporation]
Homepage  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLE3000V2-FGG896I Datasheet(HTML) 1 Page - Actel Corporation

  AGLE3000V2-FGG896I Datasheet HTML 1Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 2Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 3Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 4Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 5Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 6Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 7Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 8Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
October 2008
I
© 2008 Actel Corporation
IGLOOe Low-Power Flash FPGAs
with Flash*Freeze Technology
Features and Benefits
Low Power
• 1.2 V to 1.5 V Core Voltage Support for Low Power
• Supports Single-Voltage System Operation
• Low-Power Active FPGA Operation
• Flash*Freeze
Technology
Enables
Ultra-Low
Power
Consumption while Maintaining FPGA Content
• Flash*Freeze Pin Allows Easy Entry to / Exit from Ultra-Low-
Power Flash*Freeze Mode
High Capacity
• 600 k to 3 Million System Gates
• 108 to 504 kbits of True Dual-Port SRAM
• Up to 620 User I/Os
Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
• Live-at-Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off
In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption
Standard (AES) Decryption via JTAG (IEEE 1532–compliant)
•FlashLock® to Secure FPGA Contents
High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure
• High-Performance, Low-Skew Global Network
• Architecture Supports Ultra-High Utilization
Pro (Professional) I/O
• 700 Mbps DDR, LVDS-Capable I/Os
•1.2
V, 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—Up to 8 Banks per Chip
• Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V /
2.5 V / 1.8 V / 1.5 V / 1.2 V, 3.3 V PCI / 3.3 V PCI-X, and
LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and
M-LVDS
• Voltage-Referenced I/O Standards: GTL+ 2.5 V / 3.3 V, GTL
2.5 V / 3.3 V, HSTL Class I and II, SSTL2 Class I and II, SSTL3
Class I and II
• I/O Registers on Input, Output, and Enable Paths
• Programmable Output Slew Rate and Drive Strength
• Programmable Input Delay
• Schmitt Trigger Option on Single-Ended Inputs
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the IGLOO®e Family
Clock Conditioning Circuit (CCC) and PLL
• Six CCC Blocks, Each with an Integrated PLL
• Configurable
Phase
Shift,
Multiply/Divide,
Delay
Capabilities, and External Feedback
• Wide Input Frequency Range (1.5 MHz up to 250 MHz)
Embedded Memory
• 1 kbit of FlashROM User Nonvolatile Memory
• SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM
Blocks (×1, ×2, ×4, ×9, and ×18 organizations available)
• True Dual-Port SRAM (except ×18)
ARM Processor Support in IGLOOe FPGAs
• M1 IGLOOe Devices—Cortex™-M1 Soft Processor Available
with or without Debug
®
IGLOOe Product Family
IGLOOe Devices
AGLE600
AGLE3000
ARM-Enabled IGLOOe Devices
M1AGLE3000
System Gates
600 k
3 M
VersaTiles (D-flip-flops)
13,824
75,264
Quiescent Current (typical) in Flash*Freeze Mode (µW)
49
137
RAM kbits (1,024 bits)
108
504
4,608-Bit Blocks
24
112
FlashROM Bits
1 k
1 k
Secure (AES) ISP
Yes
Yes
CCCs with Integrated PLLs
66
VersaNet Globals1
18
18
I/O Banks
88
Maximum User I/Os
270
620
Package Pins
FBGA
FG256, FG484
FG484, FG896
Notes:
1. Refer to the Cortex-M1 Handbook for more information.
2. Six chip (main) and twelve quadrant global networks are available.
3. For devices supporting lower densities, refer to the IGLOO Low-Power Flash FPGAs with Flash*Freeze Technology handbook.
v1.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn