Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGLE3000V2-FGG896I Datasheet(PDF) 89 Page - Actel Corporation

Part # AGLE3000V2-FGG896I
Description  IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGLE3000V2-FGG896I Datasheet(HTML) 89 Page - Actel Corporation

Back Button AGLE3000V2-FGG896I Datasheet HTML 85Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 86Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 87Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 88Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 89Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 90Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 91Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 92Page - Actel Corporation AGLE3000V2-FGG896I Datasheet HTML 93Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 156 page
background image
IGLOOe DC and Switching Characteristics
Ad vance v0.3
2-75
Output Enable Register
Timing Characteristics
1.5 V DC Core Voltage
Figure 2-30 • Output Enable Register Timing Diagram
50%
Preset
Clear
EOUT
CLK
D_Enable
Enable
tOESUE
50%
50%
tOESUD tOEHD
50%
50%
tOECLKQ
1
0
tOEHE
tOERECPRE
tOEREMPRE
tOERECCLR
tOEREMCLR
tOEWCLR
tOEWPRE
tOEPRE2Q
tOECLR2Q
tOECKMPWH tOECKMPWL
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
50%
Table 2-119 • Output Enable Register Propagation Delays
Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V
Parameter
Description
Std.
Units
tOECLKQ
Clock-to-Q of the Output Enable Register
0.75
ns
tOESUD
Data Setup Time for the Output Enable Register
0.51
ns
tOEHD
Data Hold Time for the Output Enable Register
0.00
ns
tOESUE
Enable Setup Time for the Output Enable Register
0.73
ns
tOEHE
Enable Hold Time for the Output Enable Register
0.00
ns
tOECLR2Q
Asynchronous Clear-to-Q of the Output Enable Register
1.13
ns
tOEPRE2Q
Asynchronous Preset-to-Q of the Output Enable Register
1.13
ns
tOEREMCLR
Asynchronous Clear Removal Time for the Output Enable Register
0.00
ns
tOERECCLR
Asynchronous Clear Recovery Time for the Output Enable Register
0.24
ns
tOEREMPRE
Asynchronous Preset Removal Time for the Output Enable Register
0.00
ns
tOERECPRE
Asynchronous Preset Recovery Time for the Output Enable Register
0.24
ns
tOEWCLR
Asynchronous Clear Minimum Pulse Width for the Output Enable Register
0.19
ns
tOEWPRE
Asynchronous Preset Minimum Pulse Width for the Output Enable Register
0.19
ns
tOECKMPWH
Clock Minimum Pulse Width HIGH for the Output Enable Register
0.31
ns
tOECKMPWL
Clock Minimum Pulse Width LOW for the Output Enable Register
0.28
ns
Note: For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-6 for derating
values.


Similar Part No. - AGLE3000V2-FGG896I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL015V2-CS144 ACTEL-AGL015V2-CS144 Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015V2-CS144 MICROSEMI-AGL015V2-CS144 Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL015V2-CS144ES ACTEL-AGL015V2-CS144ES Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015V2-CS144ES MICROSEMI-AGL015V2-CS144ES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGLE3000V2-FGG896I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com