Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORE429-SN Datasheet(PDF) 3 Page - Actel Corporation

Part # CORE429-SN
Description  ARINC 429 Bus Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

CORE429-SN Datasheet(HTML) 3 Page - Actel Corporation

  CORE429-SN Datasheet HTML 1Page - Actel Corporation CORE429-SN Datasheet HTML 2Page - Actel Corporation CORE429-SN Datasheet HTML 3Page - Actel Corporation CORE429-SN Datasheet HTML 4Page - Actel Corporation CORE429-SN Datasheet HTML 5Page - Actel Corporation CORE429-SN Datasheet HTML 6Page - Actel Corporation CORE429-SN Datasheet HTML 7Page - Actel Corporation CORE429-SN Datasheet HTML 8Page - Actel Corporation CORE429-SN Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
ARINC 429 Bus Interface
v5.0
3
Sign/Status Matrix
•Data
Source/Destination Identifiers
•Label
The parity bit is bit 32 (the MSB). SSM is the Sign/Status
Matrix and is included as bits 30 and 31. Bits 11 to 29
contain the data. Binary Coded Decimal (BCD) and binary
encoding (BNR) are common ARINC data formats. Data
formats can also be mixed. Bits 9 and 10 are Source/
Destination Identifiers (SDI) and indicate for which
receiver the data is intended. Bits 1 to 8 contain a label
(label words) identifying the data type.
Label words are quite specific in ARINC 429. Each aircraft
may be equipped with different electronic equipment
and systems needing interconnection. A large amount of
equipment may be involved, depending on the aircraft.
The ARINC specification identifies the equipment ID, a
series of digital identification numbers. Examples of
equipment are Flight Management Computers, Inertial
Reference Systems, Fuel Tanks, Tire Pressure Monitoring
Systems, and GPS Sensors.
Transmission Order
The least significant bit of each byte, except the label, is transmitted first, and the label is transmitted ahead of the
data in each case. The order of the bits transmitted on the ARINC bus is as follows:
8, 7, 6, 5, 4, 3, 2, 1, 9, 10, 11, 12, 13 … 32.
Core429 Device Requirements
Core429 can be implemented in several Actel FPGA devices. Table 1 through Table 5 on page 4 provide typical
utilization figures using standard synthesis tools for different Core429 configurations. Table 1 assumes that the label
size is set to 64 and FIFO depth is set to 64.
Figure 3 •
ARINC Data Bit Positions
32
31
11
10
9
LABEL
30
29
1
8
LSB
DATA
PAD
DISCRETES
SDI
P
SSM
MSB
Table 1 •
Device Utilization for One Tx Module
Cells or Tiles
Family
Combinatorial
Sequential
Total
Memory Blocks
Device
Utilization
Fusion
363
147
510
1
AFS600
4%
ProASIC3/E
363
147
510
1
A3PE600
4%
ProASICPLUS
441
146
587
1
APA075
19%
Axcelerator
212
145
357
1
AX125
18%
RTAX-S
258
171
429
1
RTAX250S
10%
Table 2 •
Device Utilization for One Rx Module
Cells or Tiles
Family
Combinatorial
Sequential
Total
Memory Blocks
Devices
Utilization
Fusion
431
233
664
2
AFS600
5%
ProASIC3/E
431
233
664
2
A3PE600
5%
ProASICPLUS
588
236
824
2
APA075
27%
Axcelerator
307
234
541
2
AX125
27%
RTAX-S
350
259
609
2
RTAX250S
14%


Similar Part No. - CORE429-SN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CORE1553BRT MICROSEMI-CORE1553BRT Datasheet
1Mb / 65P
   HB0093 Handbook Core1553BRT v4.2
logo
Actel Corporation
CORE8051-AN ACTEL-CORE8051-AN Datasheet
367Kb / 41P
   Core8051
CORE8051-AR ACTEL-CORE8051-AR Datasheet
367Kb / 41P
   Core8051
CORE8051-EV ACTEL-CORE8051-EV Datasheet
367Kb / 41P
   Core8051
CORE8051-SN ACTEL-CORE8051-SN Datasheet
367Kb / 41P
   Core8051
More results

Similar Description - CORE429-SN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-3182 INTERSIL-HS-3182_07 Datasheet
196Kb / 7P
   ARINC 429 Bus Interface Line Driver
HS1-3182-8 INTERSIL-HS1-3182-8 Datasheet
199Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
May 30, 2008
HS-3182 INTERSIL-HS-3182 Datasheet
201Kb / 7P
   ARINC 429 Bus Interface Line Driver Circuit
logo
Holt Integrated Circuit...
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-3588 HOLTIC-HI-3588_12 Datasheet
98Kb / 13P
   ARINC 429 Receiver with SPI Interface
HI-3587 HOLTIC-HI-3587 Datasheet
96Kb / 11P
   ARINC 429 Transmitter with SPI Interface
HI-3588 HOLTIC-HI-3588 Datasheet
101Kb / 11P
   ARINC 429 Receiver with SPI Interface
HI-3585 HOLTIC-HI-3585_13 Datasheet
127Kb / 19P
   ARINC 429 Terminal IC with SPI Interface
HI-6010 HOLTIC-HI-6010_06 Datasheet
115Kb / 12P
   ARINC 429 TRANSMITTER/RECEIVER FOR 8 BIT BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com