Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CORE8051-SN Datasheet(PDF) 4 Page - Actel Corporation

Part # CORE8051-SN
Description  Core8051
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

CORE8051-SN Datasheet(HTML) 4 Page - Actel Corporation

  CORE8051-SN Datasheet HTML 1Page - Actel Corporation CORE8051-SN Datasheet HTML 2Page - Actel Corporation CORE8051-SN Datasheet HTML 3Page - Actel Corporation CORE8051-SN Datasheet HTML 4Page - Actel Corporation CORE8051-SN Datasheet HTML 5Page - Actel Corporation CORE8051-SN Datasheet HTML 6Page - Actel Corporation CORE8051-SN Datasheet HTML 7Page - Actel Corporation CORE8051-SN Datasheet HTML 8Page - Actel Corporation CORE8051-SN Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Core8051
4
v6.0
Core8051 Device Requirements
Core8051 has been implemented in several of the Actel device families. A summary of the implementation data is
listed in Table 2 through Table 4. Table 2 lists implementation data without OCI logic.
Table 3 lists implementation data with OCI logic (no trace memory and no hardware triggers).
Table 4 lists implementation data with OCI logic (256-word trace memory and one hardware trigger).
Table 2 • Core8051 Device Utilization and Performance - No OCI
Family
Cells or Tiles
Utilization
Performance
Sequential
Combinatorial
Total
RAM Blocks
Device
Total
Fusion
528
3629
4157
1
AFS600
30%
36 MHz
ProASIC3/E
528
3629
4157
1
A3PE600-2
30%
36 MHz
ProASICPLUS
528
3909
4437
1
APA150-STD
72%
24 MHz
Axcelerator
619
2344
2963
1
AX250-3
70%
52 MHz
RTAX-S
619
2344
2963
1
RTAX1000S-1
16%
29 MHz
SX-A
646
2780
3426
-
A54SX72A-3
57%
33 MHz
RTSX-S
646
2780
3426
-
RT54SX72S-1
57%
19 MHz
Note: Data in this table was achieved using typical synthesis and layout settings. Performance was achieved using the Core8051 macro
alone.
Table 3 • Core8051 Device Utilization and Performance - OCI without Trace Memory and Hardware Trigger
Family
Cells or Tiles
Utilization
Performance
Sequential
Combinatorial
Total
RAM Blocks
Device
Total
Fusion
621
3923
4544
1
AFS600
33%
33 MHz
ProASIC3/E
621
3923
4544
1
A3PE600-2
33%
33 MHz
ProASICPLUS
621
4249
4870
1
APA150-STD
79%
20 MHz
Axcelerator
739
2646
3385
1
AX500-3
42%
44 MHz
RTAX-S
739
2646
3385
1
RTAX1000S-1
19%
25 MHz
SX-A
765
2914
3679
-
A54SX72A-3
61%
29 MHz
RTSX-S
765
2914
3679
-
RT54SX72S-1
61%
19 MHz
Note: Data in this table was achieved using typical synthesis and layout settings. Performance was achieved using the Core8051 macro
alone.
Table 4 • Core8051 Device Utilization and Performance - OCI with 256-Word Trace Memory and One Hardware Trigger
Family
Cells or Tiles
Utilization
Performance
Sequential
Combinatorial
Total
RAM Blocks
Device
Total
Fusion
718
4323
5041
3
AFS600
37%
33 MHz
ProASIC3/E
718
4323
5041
3
A3PE600-2
37%
33 MHz
ProASICPLUS
717
4709
5426
4
APA150-STD
88%
20 MHz
Axcelerator
843
3023
3866
3
AX500-3
48%
40 MHz
RTAX-S
843
3023
3866
3
RTAX1000S-1
21%
24 MHz
Note: Data in this table was achieved using typical synthesis and layout settings. Performance was achieved using the Core8051 macro
alone.


Similar Part No. - CORE8051-SN

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CORE1553BRT MICROSEMI-CORE1553BRT Datasheet
1Mb / 65P
   HB0093 Handbook Core1553BRT v4.2
logo
Actel Corporation
CORE429-AN ACTEL-CORE429-AN Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-AR ACTEL-CORE429-AR Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-EV ACTEL-CORE429-EV Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
CORE429-SN ACTEL-CORE429-SN Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com