Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFP81 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BFP81
Description  Silicon NPN Planar RF Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFP81 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button BFP81 Datasheet HTML 2Page - Vishay Siliconix BFP81 Datasheet HTML 3Page - Vishay Siliconix BFP81 Datasheet HTML 4Page - Vishay Siliconix BFP81 Datasheet HTML 5Page - Vishay Siliconix BFP81 Datasheet HTML 6Page - Vishay Siliconix BFP81 Datasheet HTML 7Page - Vishay Siliconix BFP81 Datasheet HTML 8Page - Vishay Siliconix BFP81 Datasheet HTML 9Page - Vishay Siliconix BFP81 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
BFP81
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
6 (10)
Document Number 85018
S11
S21
S12
S22
VCE/V
IC/mA
f/MHz
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
LIN
MAG
ANG
deg
deg
deg
deg
100
0.640
–43.3
21.78
145.1
0.015
70.2
0.869
–15.3
300
0.368
–97.7
12.37
111.1
0.030
60.9
0.651
–20.1
500
0.265
–130.1
8.09
96.1
0.042
62.8
0.582
–18.2
800
0.226
–164.9
5.28
82.7
0.060
65.2
0.558
–18.7
1000
0.216
178.2
4.30
76.0
0.072
65.9
0.554
–20.6
1200
0.224
165.2
3.65
69.8
0.085
65.9
0.551
–22.8
10
1500
0.245
150.4
2.99
61.2
0.105
64.8
0.542
–27.2
1800
0.269
138.6
2.55
53.4
0.124
63.6
0.532
–32.3
2000
0.290
133.1
2.34
48.5
0.139
62.4
0.528
–36.0
2200
0.309
125.6
2.17
43.7
0.152
61.3
0.523
–39.4
2500
0.349
119.9
1.97
36.2
0.174
56.8
0.508
–45.8
2800
0.383
112.9
1.80
29.2
0.191
56.0
0.504
–53.1
10
3000
0.404
109.2
1.71
25.4
0.206
54.0
0.487
–57.9
10
100
0.476
–60.3
29.33
135.0
0.013
68.9
0.793
–18.3
300
0.262
–120.8
13.84
103.3
0.026
66.8
0.586
–17.8
500
0.210
–153.3
8.70
90.9
0.040
69.6
0.547
–15.2
800
0.200
176.6
5.58
79.4
0.060
70.9
0.538
–16.0
1000
0.204
162.2
4.53
73.3
0.073
70.4
0.538
–18.3
1200
0.213
151.6
3.82
67.7
0.087
69.2
0.537
–20.8
20
1500
0.235
142.5
3.13
59.7
0.108
67.3
0.529
–25.5
1800
0.258
132.5
2.67
52.4
0.128
65.1
0.519
–30.8
2000
0.273
128.1
2.43
47.7
0.143
63.4
0.513
–34.4
2200
0.302
122.4
2.26
43.1
0.157
62.0
0.511
–38.0
2500
0.337
116.2
2.05
35.5
0.179
57.5
0.496
–44.4
2800
0.368
110.7
1.87
28.7
0.196
56.1
0.488
–51.7
3000
0.390
107.3
1.77
25.1
0.211
54.0
0.471
–56.5


Similar Part No. - BFP81

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP81 SIEMENS-BFP81 Datasheet
59Kb / 7P
   NPN Silicon RF Transistor (For low-noise amplifiers up to 2GHz at collector currents from 0.5 mA to 20 mA.)
logo
Vishay Siliconix
BFP81 VISHAY-BFP81 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
More results

Similar Description - BFP81

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFP81 VISHAY-BFP81_08 Datasheet
167Kb / 11P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 05-Sep-08
BFR91A VISHAY-BFR91A_08 Datasheet
168Kb / 8P
   Silicon NPN Planar RF Transistor
Rev. 1.6, 08-Sep-08
S852TF VISHAY-S852TF Datasheet
147Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 02-May-05
BFP93A VISHAY-BFP93A Datasheet
212Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 03-Sep-04
BFG67 VISHAY-BFG67 Datasheet
38Kb / 4P
   Silicon NPN Planar RF Transistor
Rev. 1, 11-Nov-99
BFR96TS VISHAY-BFR96TS Datasheet
129Kb / 9P
   Silicon NPN Planar RF Transistor
Rev. 4, 20-Jan-99
TSDF1220 VISHAY-TSDF1220 Datasheet
81Kb / 6P
   Silicon NPN Planar RF Transistor
Rev. 6, 30-Jun-00
logo
Zetex Semiconductors
ZTX325 ZETEX-ZTX325 Datasheet
52Kb / 2P
   NPN SILICON PLANAR RF TRANSISTOR
logo
Vishay Siliconix
BFR181TF VISHAY-BFR181TF Datasheet
171Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.3, 28-Apr-05
BFW92A VISHAY-BFW92A_08 Datasheet
153Kb / 7P
   Silicon NPN Planar RF Transistor
Rev. 1.5, 08-Sep-08
BFQ67F VISHAY-BFQ67F Datasheet
87Kb / 5P
   Silicon NPN Planar RF Transistor
Rev. 1.4, 05-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com