Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COREU1LL-AR Datasheet(PDF) 3 Page - Actel Corporation

Part # COREU1LL-AR
Description  CoreU1LL UTOPIA Level 1 Link-Layer Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREU1LL-AR Datasheet(HTML) 3 Page - Actel Corporation

  COREU1LL-AR Datasheet HTML 1Page - Actel Corporation COREU1LL-AR Datasheet HTML 2Page - Actel Corporation COREU1LL-AR Datasheet HTML 3Page - Actel Corporation COREU1LL-AR Datasheet HTML 4Page - Actel Corporation COREU1LL-AR Datasheet HTML 5Page - Actel Corporation COREU1LL-AR Datasheet HTML 6Page - Actel Corporation COREU1LL-AR Datasheet HTML 7Page - Actel Corporation COREU1LL-AR Datasheet HTML 8Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CoreU1LL UTOPIA Level 1 Link-Layer Interface
v4.0
3
cell, the CoreU1LL PHY-Layer device sends cells back-to-
back (Figure 4 on page 3).
Rx Interface (Ingress)
The Rx interface operates in a similar manner to the Tx
interface. The PHY-Layer device indicates that it has a cell
ready to transfer by asserting u1_rx_clav high. Then, the
user interface is ready to accept a cell (w_avail high). The
CoreU1LL will initiate a transfer on the Rx interface by
asserting u1_rx_en low (Figure 5).
The PHY-Layer device then asserts u1_rx_soc high,
indicating that the first word of the cell transfer is active
on the bus. Once a transfer has begun, all 53 or 54 bytes
of the cell are transferred without interruption.
If polling during the current transfer indicates that there
are no more cells available, or if the CoreU1LL is unable
to accept another cell from the PHY-Layer device, the
CoreU1LL deselects the physical interface by deasserting
u1_rx_en after receiving the last byte of the current cell,
as illustrated in Figure 6.
If the user interface continues to assert w_avail during
the last two bytes of the current cell transfer, and one or
more complete ATM cells are ready to be transferred
(u1_rx_clav is high), the CoreU1LL accepts back-to-back
cells, as shown in Figure 7.
User Interface
The user interface can connect directly to Actel's
CoreATMBUF3 cell buffer, an intellectual property core
that provides buffering for up to three, 54-byte ATM
cells in each direction (Figure 1 on page 1). Alternatively,
the designer may connect his/her own cell buffer or user
logic function directly to the user interface. The signals
associated with the user interface are summarized in
Table 3.
When reset is asserted high, all registers in the CoreU1LL
are cleared. They will remain in this state as long as reset
is asserted.
If the xlate input is low, the CoreU1LL transfers data to/
from the PHY-Layer device as 53-byte ATM cells. On
ingress (Rx), the CoreU1LL will duplicate the fifth byte of
the ATM header and insert it as the sixth byte (UDF2) in
order to create a standard 54-byte ATM cell on the user
Figure 4 • Tx Back-to-Back Transfer
Figure 5 • Rx Start of Cell Transfer
Figure 6 • Rx End of Transfer
U1_tx_clk
U1_tx_clav
U1_tx_en
U1_tx_soc
U1_tx_data
P51 P52 P53 P54
H1
H2
H3
H4
H5
H6
H1 H2
u1_rx_clk
u1_rx_clav
u1_rx_en
u1_rx_soc
u1_rx_data
P51 P52 P53 P54
XX
u1_rx_clk
u1_rx_clav
u1_rx_en
u1_rx_soc
u1_rx_data
Figure 7 • Rx Back-to-Back Transfer
Table 3 • User Interface Signals
Signal
Type Description
reset
In
Active high – resets all registers
xlate
In
53- / 54-byte cell size control
w_avail
In
Active high – user ready to receive
w_phy_act
Out
Active high physical selected
w_enable
Out
Active high data enable
w_adr
Out
5-bit word count
w_data
Out
16-bit data bus
r_avail
In
Active high – user ready to send
r_buf_en
Out
Active high read enable
r_adr
Out
5-bit word count
r_data
In
16-bit data bus
P51 P52 P53 P54
H1
H2
H3
H4
H5
U1_rx_clk
U1_rx_clav
U1_rx_en
U1_rx_soc
U1_rx_data


Similar Part No. - COREU1LL-AR

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
COREU1PHY-AN ACTEL-COREU1PHY-AN Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1PHY-AR ACTEL-COREU1PHY-AR Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1PHY-EV ACTEL-COREU1PHY-EV Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1PHY-SN ACTEL-COREU1PHY-SN Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
COREU1PHY-SR ACTEL-COREU1PHY-SR Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
More results

Similar Description - COREU1LL-AR

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
COREU1PHY-XX ACTEL-COREU1PHY-XX Datasheet
100Kb / 8P
   CoreU1PHY - UTOPIA Level 1 PHY Interface
logo
List of Unclassifed Man...
IDT77010 ETC1-IDT77010 Datasheet
141Kb / 21P
   Data Path Interface to Utopia Level 1 Translation Device
logo
Renesas Technology Corp
IDT77010 RENESAS-IDT77010 Datasheet
301Kb / 22P
   Data Path Interface (DPI) to Utopia Level 1 Translation Device
June 24, 2002
logo
List of Unclassifed Man...
IDT77V012 ETC1-IDT77V012 Datasheet
677Kb / 46P
   Data Path Interface to UTOPIA Level 1 Header Translation Device
logo
Renesas Technology Corp
IDT77V012 RENESAS-IDT77V012 Datasheet
887Kb / 47P
   Data Path Interface (DPI) to UTOPIA Level 1 Header Translation Device
March 26, 2001
logo
List of Unclassifed Man...
IDT77V011 ETC1-IDT77V011 Datasheet
742Kb / 43P
   Data Path Interface to Utopia Level 2 Translation Device
logo
Actel Corporation
MC-ACT-HDLC-NET ACTEL-MC-ACT-HDLC-NET Datasheet
276Kb / 5P
   UTOPIA Level 3 PHY
logo
Renesas Technology Corp
IDT77V011 RENESAS-IDT77V011 Datasheet
950Kb / 44P
   Data Path Interface (DPI) to Utopia Level 2 Translation Device
March 15, 2001
logo
Synaptics Incorporated.
CN8223 CONEXANT-CN8223 Datasheet
1Mb / 161P
   ATM Transmitter/Receiver with UTOPIA Interface
logo
NXP Semiconductors
PDI1394P25 PHILIPS-PDI1394P25 Datasheet
232Kb / 44P
   1-port 400 Mbps physical layer interface
2001 Sep 06
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com