Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COREU1PHY-SR Datasheet(PDF) 1 Page - Actel Corporation

Part # COREU1PHY-SR
Description  CoreU1PHY - UTOPIA Level 1 PHY Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

COREU1PHY-SR Datasheet(HTML) 1 Page - Actel Corporation

  COREU1PHY-SR Datasheet HTML 1Page - Actel Corporation COREU1PHY-SR Datasheet HTML 2Page - Actel Corporation COREU1PHY-SR Datasheet HTML 3Page - Actel Corporation COREU1PHY-SR Datasheet HTML 4Page - Actel Corporation COREU1PHY-SR Datasheet HTML 5Page - Actel Corporation COREU1PHY-SR Datasheet HTML 6Page - Actel Corporation COREU1PHY-SR Datasheet HTML 7Page - Actel Corporation COREU1PHY-SR Datasheet HTML 8Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
December 2005
v 4 . 0
1
© 2005 Actel Corporation
CoreU1PHY – UTOPIA Level 1 PHY Interface
Product Summary
Intended Use
Standard UTOPIA Level 1 PHY Interface to any
ATM Link-Layer Device
Key Features
Standard 8-Bit, 25 MHz UTOPIA Level 1 PHY
Interface Complies with the ATM Forum UTOPIA
Specification,
Level
1
Version
2.01
(af-phy-
0017.000)
Separate TX and RX Clocks and Interface Pins
Supports Cell-Level Handshake for 53- or 54-byte
ATM Cells with Automatic Add/Drop of UDF2 Field
in the ATM Header in 53-byte Mode
16-Bit (54-byte) User Interfaces Can be Used
Directly or Bolt-Up to One of Actel's ATM Cell
Buffer Blocks: ATMBUFx
Supported Families
•Fusion
•ProASIC3/E
•ProASICPLUS®
Axcelerator®
Core Deliverables
Netlist Version
Compiled
RTL
Simulation
Model
Fully
Supported in Actel Libero® Integrated Design
Environment (IDE)
Structural VHDL and Verilog Netlists (with and
without I/O Pads) Compatible with Actel’s
Libero IDE and Industry Standard Synthesis and
Simulation Tools
RTL Version
VHDL Source Code
Core Synthesis and Simulation Scripts
Actel-Developed
Testbench
(VHDL)
Fully
Supported by Industry-Standard Simulation Tools
Design Tools Support
Simulation: VITAL Compliant VHDL and OVI
Compliant Verilog Simulators
Synthesis: LeonardoSpectrum®, Synplify®, Design
Compiler®, FPGA CompilerTM, and FPGA ExpressTM
General Description
CoreU1PHY is a UTOPIA Level 1 PHY interface core that
connects directly to any ATM link-layer (master) device
and user logic (or optional ATM cell buffer blocks) to
provide an interface between the link-layer device and a
non-standard physical layer device (Figure 1).
Contents
General Description ................................................... 1
Device Requirements ................................................. 2
UTOPIA Interface ....................................................... 2
User Interface ............................................................. 4
Ordering Information ................................................ 6
List of Changes ........................................................... 7
Datasheet Categories ................................................. 7
Figure 1 • Block Diagram
Utopia
Level 1
Link-Layer
Device
CoreU1PHY
CoreATMBUF3
CoreATMBUF3
User
Logic
Other
Device
RX
TX


Similar Part No. - COREU1PHY-SR

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
COREU1LL-AN ACTEL-COREU1LL-AN Datasheet
103Kb / 8P
   CoreU1LL UTOPIA Level 1 Link-Layer Interface
COREU1LL-AR ACTEL-COREU1LL-AR Datasheet
103Kb / 8P
   CoreU1LL UTOPIA Level 1 Link-Layer Interface
COREU1LL-EV ACTEL-COREU1LL-EV Datasheet
103Kb / 8P
   CoreU1LL UTOPIA Level 1 Link-Layer Interface
COREU1LL-SN ACTEL-COREU1LL-SN Datasheet
103Kb / 8P
   CoreU1LL UTOPIA Level 1 Link-Layer Interface
COREU1LL-SR ACTEL-COREU1LL-SR Datasheet
103Kb / 8P
   CoreU1LL UTOPIA Level 1 Link-Layer Interface
More results

Similar Description - COREU1PHY-SR

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
MC-ACT-HDLC-NET ACTEL-MC-ACT-HDLC-NET Datasheet
276Kb / 5P
   UTOPIA Level 3 PHY
COREU1LL-XX ACTEL-COREU1LL-XX Datasheet
103Kb / 8P
   CoreU1LL UTOPIA Level 1 Link-Layer Interface
logo
List of Unclassifed Man...
IDT77010 ETC1-IDT77010 Datasheet
141Kb / 21P
   Data Path Interface to Utopia Level 1 Translation Device
logo
Renesas Technology Corp
IDT77010 RENESAS-IDT77010 Datasheet
301Kb / 22P
   Data Path Interface (DPI) to Utopia Level 1 Translation Device
June 24, 2002
logo
List of Unclassifed Man...
IDT77V012 ETC1-IDT77V012 Datasheet
677Kb / 46P
   Data Path Interface to UTOPIA Level 1 Header Translation Device
logo
Renesas Technology Corp
IDT77V012 RENESAS-IDT77V012 Datasheet
887Kb / 47P
   Data Path Interface (DPI) to UTOPIA Level 1 Header Translation Device
March 26, 2001
logo
Integrated Device Techn...
IDT77V107 IDT-IDT77V107 Datasheet
325Kb / 24P
   Single ATM PHY for 25.6 and 51.2 Mbps with Utopia Level 2
logo
List of Unclassifed Man...
IDT77V011 ETC1-IDT77V011 Datasheet
742Kb / 43P
   Data Path Interface to Utopia Level 2 Translation Device
logo
Renesas Technology Corp
IDT77V011 RENESAS-IDT77V011 Datasheet
950Kb / 44P
   Data Path Interface (DPI) to Utopia Level 2 Translation Device
March 15, 2001
logo
Synaptics Incorporated.
CN8223 CONEXANT-CN8223 Datasheet
1Mb / 161P
   ATM Transmitter/Receiver with UTOPIA Interface
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com