Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCYG Datasheet(PDF) 10 Page - Linear Technology

Part # LCYG
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCYG Datasheet(HTML) 10 Page - Linear Technology

Back Button LCYG Datasheet HTML 6Page - Linear Technology LCYG Datasheet HTML 7Page - Linear Technology LCYG Datasheet HTML 8Page - Linear Technology LCYG Datasheet HTML 9Page - Linear Technology LCYG Datasheet HTML 10Page - Linear Technology LCYG Datasheet HTML 11Page - Linear Technology LCYG Datasheet HTML 12Page - Linear Technology LCYG Datasheet HTML 13Page - Linear Technology LCYG Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3505
10
3505fc
Now the required on time has decreased below the
minimum on time of 130ns. Instead of the switch pulse
width becoming narrower to accommodate the lower duty
cycle requirement, the switch pulse width remains fixed
at 130ns. In Figure 2 the inductor current ramps up to a
value exceeding the load current and the output ripple
increases to ~200mV. The part then remains off until the
output voltage dips below 100% of the programmed value
before it begins switching again.
For switching frequencies above 750kHz, the input voltage
must not exceed VIN(PS).Seethe“InputVoltageFrequency
Foldback” section of the datasheet for a circuit solution
that provides safe operation above VIN(PS) at switching
frequencies exceeding 750kHz. For switching frequencies
below 750kHz, operation above VIN(PS) is safe and will
not damage the part as long as the output voltage stays
in regulation and the inductor does not saturate. Figure
3 shows the switching waveforms of a 750kHz applica-
tion when the input voltage is increased to its absolute
maximum rating of 40V.
As the input voltage increases, the inductor current ramp
rate increases, the number of skipped pulses increases
and the output voltage ripple increases. The part is robust
enough to survive prolonged operation under these condi-
tions as long as the programmed switching frequency is
less than 750kHz and the peak inductor current does not
exceed 2.2A. Inductor current saturation may further limit
performance in this operating regime.
Frequency Selection
The maximum frequency that the LT3505 can be pro-
grammed to is 3MHz. The minimum frequency that the
LT3505 can be programmed to is 200kHz. The switching
frequencyisprogrammedbytyinga1%resistorfromtheRT
pin to ground. Table 1 can be used to select the value of RT.
Minimumon-timeandedgelossmustbetakenintoconsid-
erationwhenselectingtheintendedfrequencyofoperation.
Higher switching frequency increases power dissipation
andlowersefficiency.
APPLICATIONS INFORMATION
VSW
20V/DIV
VOUT
200mV/DIV
AC COUPLED
COUT = 10 F
VOUT = 3V
VIN = 35V
ILOAD = 0.75A
L = 10 H
RT = 75.0k
2 s/DIV
3505 F02
IL
0.5A/DIV
Figure 2
Figure 3
VSW
20V/DIV
VOUT
200mV/DIV
AC COUPLED
COUT = 10µF
VOUT = 3V
VIN = 40V
ILOAD = 0.75A
L = 10
µH
RT = 75.0k
2
µs/DIV
3505 F03
IL
0.5A/DIV
VSW
20V/DIV
VOUT
200mV/DIV
AC COUPLED
COUT = 10 F
VOUT = 3V
VIN = 30V
ILOAD = 0.75A
L = 10 H
RT = 75.0k
2 s/DIV
3505 F01
IL
0.5A/DIV
Figure 1


Similar Part No. - LCYG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LCYG6SP OSRAM-LCYG6SP Datasheet
640Kb / 22P
   Advanced Power TOPLED
LCYG6SP-CBDB-5E OSRAM-LCYG6SP-CBDB-5E Datasheet
640Kb / 22P
   Exterior Automotive Lighting
LCYG6SP-CBDB-5E OSRAM-LCYG6SP-CBDB-5E Datasheet
640Kb / 22P
   Advanced Power TOPLED
More results

Similar Description - LCYG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3480 LINER-LT3480_15 Datasheet
384Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com