Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1AFS1500-FG256 Datasheet(PDF) 1 Page - Actel Corporation

Part # U1AFS1500-FG256
Description  Actel Fusion Mixed-Signal FPGA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

U1AFS1500-FG256 Datasheet(HTML) 1 Page - Actel Corporation

  U1AFS1500-FG256 Datasheet HTML 1Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 2Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 3Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 4Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 5Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 6Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 7Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 8Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
October 2008
I
© 2008 Actel Corporation
Actel Fusion Mixed-Signal FPGAs
for the MicroBlade Advanced Mezzanine Card Solution
Features and Benefits
• Targeted to Advanced Mezzanine Card (AdvancedMC™)
Designs
• Designed in Partnership with MicroBlade
• 8051-Based Module Management Controller (MMC)
• Fully Compliant with PICMG AMC.0.R2.0 and IPMI v2.0
Specifications
• AdvancedMC Reference Design and Starter Kit
High-Performance Reprogrammable Flash
Technology
• Advanced 130-nm, 7-Layer Metal, Flash-Based CMOS Process
• Nonvolatile, Retains Program when Powered Off
• Live at Power-Up (LAPU) Single-Chip Solution
• 350 MHz System Performance
Embedded Flash Memory
• User Flash Memory – 2 Mbits to 8 Mbits
– Configurable 8-, 16-, or 32-Bit Datapath
– 10 ns Access in Read-Ahead Mode
• 1 kbit of Additional FlashROM
Integrated A/D Converter (ADC) and Analog I/O
• Up to 12-Bit Resolution and up to 600 ksps
• Internal 2.56 V or External Reference Voltage
• ADC: Up to 30 Scalable Analog Input Channels
• High-Voltage Input Tolerance: –10.5 V to +12 V
• Current Monitor and Temperature Monitor Blocks
• Up to 10 MOSFET Gate Driver Outputs
– P- and N-Channel Power MOSFET Support
– Programmable 1, 3, 10, 30 µA and 20 mA Drive Strengths
• ADC Accuracy is Better than 1%
On-Chip Clocking Support
• Internal 100 MHz RC Oscillator (accurate to 1%)
• Crystal Oscillator Support (32 kHz to 20 MHz)
• Programmable Real-Time Counter (RTC)
• 6 Clock Conditioning Circuits (CCCs) with 1 or 2 Integrated
PLLs
– Phase Shift, Multiply/Divide, and Delay Capabilities
– Frequency: Input 1.5–350 MHz, Output 0.75–350 MHz
Low Power Consumption
• Single 3.3 V Power Supply with On-Chip 1.5 V Regulator
• Sleep and Standby Low Power Modes
In-System Programming (ISP) and Security
• Secure ISP with 128-Bit AES via JTAG
•FlashLock® to Secure FPGA Contents
Advanced Digital I/O
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages – Up to 5 Banks per Chip
• Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3V/2.5 V/1.8V/1.5 V,
3.3VPCI
/
3.3VPCI-X,
and
LVCMOS 2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, BLVDS, and M-LVDS
– Built-In I/O Registers
– 700 Mbps DDR Operation
• Hot-Swappable I/Os
• Programmable Output Slew Rate, Drive Strength, and Weak
Pull-Up/Down Resistor
• Pin-Compatible Packages across the Fusion Family
SRAMs and FIFOs
• Variable-Aspect-Ratio 4,608-Bit SRAM Blocks (×1, ×2, ×4, ×9,
and ×18 organizations available)
• True Dual-Port SRAM (except ×18)
• Programmable Embedded FIFO Control Logic
®
MicroBlade Fusion Solutions
Fusion Devices
U1AFS25
U1AFS600
U1AFS1500
General Information
System Gates
250,000
600,000
1,500,000
Tiles (D-flip-flops)
6,144
13,824
38,400
Secure (AES) ISP
Yes
Yes
Yes
PLLs
1
2
2
Globals
181818
Memory
Flash Memory Blocks (2 Mbits)
1
2
4
Total Flash Memory Bits
2 M
4 M
8 M
FlashROM Bits
1 k
1 k
1 k
RAM Blocks (4,608 bits)
8
24
60
RAM kbits
36
108
270
Analog and I/Os
Analog Quads
6
10
10
Analog Input Channels
18
30
30
Gate Driver Outputs
6
10
10
I/O Banks (+ JTAG)
4
5
5
Maximum Digital I/Os
114
172
252
Analog I/Os
24
40
40
Notes:
1. Refer to the CoreMP7 datasheet for more information.
2. Refer to the Cortex-M1 product brief for more information.
Preliminary v0.4


Similar Part No. - U1AFS1500-FG256

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
U1AFS1500-FG256 ACTEL-U1AFS1500-FG256 Datasheet
765Kb / 27P
   3 - DC and Power Characteristics
More results

Similar Description - U1AFS1500-FG256

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_11 Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI-MSP430FE42X_10 Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com