Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFP181T Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. BFP181T
Description  Silicon NPN Planar RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFP181T Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BFP181T / BFP181TW / BFP181TRW
Document Number 85012
Rev. 1.4, 02-Mar-05
Vishay Semiconductors
www.vishay.com
3
Electrical AC Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Transition frequency
VCE = 3 V, IC = 6 mA,
f = 500 MHz
fT
6.8
GHz
VCE = 8 V, IC = 10 mA,
f = 500 MHz
fT
8.0
GHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
0.3
pF
Collector-emitter capacitance
VCE = 10 V, f = 1 MHz
Cce
0.2
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
0.45
pF
Noise figure
VCE = 5 V, IC = 3 mA, ZS = ZSopt,
f = 900 MHz
F1.5
dB
VCE = 5 V, IC = 3 mA, ZS = ZSopt,
f = 1.75 GHz
F2.2
dB
Power gain
VCE = 8 V, IC = 8 mA, ZS = 50 Ω,
ZL = ZLopt, f = 900 MHz
Gpe
16.5
dB
VCE = 8 V, IC = 8 mA, ZS = 50 Ω,
ZL = ZLopt, f = 1.75 GHz
Gpe
13.5
dB
Transducer gain
VCE = 8 V, IC = 8 mA, Z0 = 50 Ω,
f = 900 MHz
|S21e|
2
16
dB
Mounting Pad Layout
96 12240
0.50(0.020)
0.35 (0.014)
1.8 (0.070)
1.6 (0.062)
0.9 (0.035)
0.75 (0.029)
2.0 (0.078)
1.8 (0.070)
3.0 (0.117)
2.8 (0.109)
0.15 (0.006)
0.08 (0.003)
1.1 (0.043)
0.9 (0.035)
0...0.1 (0...0.004)
ISO Method E
0.65 (0.025)
1.17 (0.046)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn