Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BFP181T Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. BFP181T
Description  Silicon NPN Planar RF Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

BFP181T Datasheet(HTML) 1 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BFP181T / BFP181TW / BFP181TRW
Document Number 85012
Rev. 1.4, 02-Mar-05
Vishay Semiconductors
www.vishay.com
1
18383
SOT-143
SOT-343
SOT-343R
1
2
4
3
1
2
4
3
2
1
3
4
Electrostatic sensitive device.
Observe precautions for handling.
Silicon NPN Planar RF Transistor
Features
• Low noise figure
• High power gain
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Applications
For low noise and high gain broadband amplifiers at
collector currents from 0.5 mA to 12 mA.
Mechanical Data
Typ:BFP181T
Case: SOT-143 Plastic case
Weight: approx. 8.0 mg
Marking: 18
Pinning:
1 = Collector, 2 = Emitter,
3 = Base, 4 = Emitter
Typ: BFP181TW
Case: SOT-343 Plastic case
Weight: approx. 6.0 mg
Marking: W18
Pinning:
1 = Collector, 2 = Emitter,
3 = Base, 4 = Emitter
Typ: BFP181TRW
Case: SOT-343R Plastic case
Weight: approx. 6.0 mg
Marking: WSF
Pinning:
1 = Collector, 2 = Emitter,
3 = Base, 4 = Emitter
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Maximum Thermal Resistance
1) on glass fibre printed board (25 x 20 x 1.5) mm3 plated with 35
µm Cu
Parameter
Test condition
Symbol
Value
Unit
Collector-base voltage
VCBO
15
V
Collector-emitter voltage
VCEO
10
V
Emitter-base voltage
VEBO
2V
Collector current
IC
20
mA
Total power dissipation
Tamb ≤ 78 °C
Ptot
160
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
- 65 to + 150
°C
Parameter
Test condition
Symbol
Value
Unit
Junction ambient
1)
RthJA
450
K/W
e3


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn