Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BF998RA Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BF998RA
Description  N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF998RA Datasheet(HTML) 4 Page - Vishay Siliconix

  BF998RA Datasheet HTML 1Page - Vishay Siliconix BF998RA Datasheet HTML 2Page - Vishay Siliconix BF998RA Datasheet HTML 3Page - Vishay Siliconix BF998RA Datasheet HTML 4Page - Vishay Siliconix BF998RA Datasheet HTML 5Page - Vishay Siliconix BF998RA Datasheet HTML 6Page - Vishay Siliconix BF998RA Datasheet HTML 7Page - Vishay Siliconix BF998RA Datasheet HTML 8Page - Vishay Siliconix BF998RA Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BF998/BF998R/BF998RW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 4, 23-Jun-99
4 (9)
Document Number 85011
Typical Characteristics (Tamb = 25_C unless otherwise specified)
0
50
100
150
200
250
300
0
20
40
60
80
100 120 140 160
Tamb – Ambient Temperature ( °C )
96 12159
Figure 1. Total Power Dissipation vs.
Ambient Temperature
0
5
10
15
20
25
30
024
68
10
VDS – Drain Source Voltage ( V )
12812
VG1S= 0.6V
0.4V
0
–0.4V
0.2V
VG2S=4V
–0.2V
Figure 2. Drain Current vs. Drain Source Voltage
0
4
8
12
16
20
–0.8
–0.4
0.0
0.4
0.8
1.2
VG1S – Gate 1 Source Voltage ( V )
12816
6V
5V
4V
0
2V
1V
3V
VDS=8V
VG2S=–1V
Figure 3. Drain Current vs. Gate 1 Source Voltage
0
4
8
12
16
20
–0.6
–0.2
0.2
0.6
1.0
1.4
VG2S – Gate 2 Source Voltage ( V )
12817
0
2V
1V
3V
VDS=8V
5V
VG1S= –1V
4V
Figure 4. Drain Current vs. Gate 2 Source Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
–2
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
VG1S – Gate 1 Source Voltage ( V )
12863
VDS=8V
VG2S=4V
f=1MHz
Figure 5. Gate 1 Input Capacitance vs.
Gate 1 Source Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
246
8
10
12
VDS – Drain Source Voltage ( V )
12864
VG2S=4V
f=1MHz
Figure 6. Output Capacitance vs. Drain Source Voltage


Similar Part No. - BF998RA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF998RA VISHAY-BF998RA Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998RA-GS08 VISHAY-BF998RA-GS08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998RAW VISHAY-BF998RAW Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF998RAW-GS08 VISHAY-BF998RAW-GS08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
More results

Similar Description - BF998RA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BF994S VISHAY-BF994S Datasheet
119Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF966SA VISHAY-BF966SA Datasheet
161Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 15-Apr-05
BF995 VISHAY-BF995 Datasheet
116Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF961 VISHAY-BF961 Datasheet
160Kb / 7P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.5, 25-Nov-04
logo
Vishay Telefunken
BF966 TFUNK-BF966 Datasheet
396Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode - Depletion Mode
logo
Vishay Siliconix
BF964S VISHAY-BF964S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF988 VISHAY-BF988 Datasheet
139Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 4, 08-Jul-99
BF966S VISHAY-BF966S Datasheet
127Kb / 8P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 3, 20-Jan-99
BF998 VISHAY-BF998_08 Datasheet
318Kb / 10P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.8, 05-Sep-08
BF988 VISHAY-BF988_08 Datasheet
157Kb / 9P
   N-Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Rev. 1.7, 11-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com