Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1225A-2TQ176I Datasheet(PDF) 33 Page - Actel Corporation

Part # A1225A-2TQ176I
Description  ACT2 Family FPGAs
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A1225A-2TQ176I Datasheet(HTML) 33 Page - Actel Corporation

Back Button A1225A-2TQ176I Datasheet HTML 29Page - Actel Corporation A1225A-2TQ176I Datasheet HTML 30Page - Actel Corporation A1225A-2TQ176I Datasheet HTML 31Page - Actel Corporation A1225A-2TQ176I Datasheet HTML 32Page - Actel Corporation A1225A-2TQ176I Datasheet HTML 33Page - Actel Corporation A1225A-2TQ176I Datasheet HTML 34Page - Actel Corporation A1225A-2TQ176I Datasheet HTML 35Page - Actel Corporation A1225A-2TQ176I Datasheet HTML 36Page - Actel Corporation A1225A-2TQ176I Datasheet HTML 37Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
v4.0
33
ACT 2 Fam i l y FP G A s
P ack ag e Pi n Ass i gn m ent s (cont i nued)
100- P i n CP GA
Pin Number
A1225A Function
Pin Number
A1225A Function
A4
PRB, I/O
E11
VCC
A7
PRA, I/O
F3
VCC
B6
VCC
F9
VCC
C2
MODE
F10
VCC
C3
DCLK, I/O
F11
GND
C5
GND
G1
VCC
C6
CLKA, I/O
G3
GND
C7
GND
G9
GND
C8
SDI, I/O
J5
GND
D6
CLKB, I/O
J7
GND
D10
GND
K6
VCC
E3
GND
Note:
1.
All unlisted pin numbers are user I/Os.
2.
MODE pin should be terminated to GND through a 10K resistor to enable Actionprobe usage, otherwise it can be terminated directly to GND.
1
A
23456789
10 11
B
C
D
E
F
G
H
J
K
L
A
B
C
D
E
F
G
H
J
K
L
100-Pin
CPGA
123456789
10 11
Orientation Pin


Similar Part No. - A1225A-2TQ176I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A1225A-2TQ176I MICROSEMI-A1225A-2TQ176I Datasheet
2Mb / 54P
   ACT 2 Family FPGAs
More results

Similar Description - A1225A-2TQ176I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX16 ETC1-A54SX16 Datasheet
415Kb / 57P
   54SX Family FPGAs
logo
Actel Corporation
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
EX128-PTQG100 ACTEL-EX128-PTQG100 Datasheet
433Kb / 49P
   eX Family FPGAs
logo
List of Unclassifed Man...
EX128 ETC1-EX128 Datasheet
307Kb / 36P
   eX Family FPGAs
logo
Microsemi Corporation
AX250-PQ208I MICROSEMI-AX250-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
AX500-PQ208I MICROSEMI-AX500-PQ208I Datasheet
13Mb / 262P
   Axcelerator Family FPGAs
logo
Actel Corporation
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
AX1000-1FGG896I ACTEL-AX1000-1FGG896I Datasheet
2Mb / 226P
   Axcelerator Family FPGAs
A54SX16-P2PQG208 ACTEL-A54SX16-P2PQG208 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com