Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3506EFE-TR Datasheet(PDF) 1 Page - Linear Technology

Part # LT3506EFE-TR
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506EFE-TR Datasheet(HTML) 1 Page - Linear Technology

  LT3506EFE-TR Datasheet HTML 1Page - Linear Technology LT3506EFE-TR Datasheet HTML 2Page - Linear Technology LT3506EFE-TR Datasheet HTML 3Page - Linear Technology LT3506EFE-TR Datasheet HTML 4Page - Linear Technology LT3506EFE-TR Datasheet HTML 5Page - Linear Technology LT3506EFE-TR Datasheet HTML 6Page - Linear Technology LT3506EFE-TR Datasheet HTML 7Page - Linear Technology LT3506EFE-TR Datasheet HTML 8Page - Linear Technology LT3506EFE-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3506/LT3506A

3506afb
IOUT (A)
0
50
70
100
0.5
1.0
3506 TA01b
60
90
80
1.5
2.0
VIN = 5V
VOUT = 1.8V
VOUT = 3.3V
Dual Monolithic 1.6A
Step-Down Switching Regulator
TheLT®3506isadualcurrentmodePWMstep-downDC/DC
converter with internal 2A power switches. Both convert-
ers are synchronized to a single oscillator and run with
opposite phases, reducing input ripple current. The output
voltages are set with external resistor dividers, and each
regulatorhasindependentshutdownandsoft-startcircuits.
Each regulator generates a power-good signal when its
output is in regulation, easing power supply sequencing
and interfacing with microcontrollers and DSPs.
TheLT3506switchingfrequencyis575kHzandtheLT3506A
is 1.1MHz. These high switching frequencies allow the
use of tiny inductors and capacitors, resulting in a very
small dual 1.6A output solution. Constant frequency and
ceramic capacitors combine to produce low, predictable
output ripple voltage. With its wide input range of 3.6V to
25V, the LT3506 regulates a wide variety of power sources,
from 4-cell batteries and 5V logic rails to unregulated wall
transformers, lead acid batteries and distributed-power
supplies. Current mode PWM architecture provides fast
transientresponsewithsimplecompensationcomponents
and cycle-by-cycle current limiting. Frequency foldback
and thermal shutdown provide additional protection.
Disk Drives
DSP Power Supplies
Wall Transformer Regulation
Distributed Power Regulation
DSL Modems
Cable Modems
Wide Input Voltage Range, 3.6V to 25V
Two 1.6A Output Switching Regulators with Internal
Power Switches
Constant Switching Frequency
LT3506: 575kHz
LT3506A: 1.1MHz
Anti-Phase Switching Reduces Ripple
Accurate 0.8V Reference, ±1%
Independent Shutdown/Soft-Start Pins
Independent Power Good Indicators Ease Supply
Sequencing
Uses Small Inductors and Ceramic Capacitors
Small 16-Lead Thermally Enhanced 5mm
× 4mm
DFN and TSSOP Surface Mount Packages
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
Efficiency
VIN
4.5V TO 25V
PGOOD1
PGOOD2
3506 F01
1.5nF
22
µF
47
µF
22
µF
0.22
µF
0.22
µF
10.7k
18.7k
100k
100k
33.2k
6.4
µH
4.7
µH
VOUT2
3.3V
1.6A
VOUT1
1.8V
1.6A
15k
D1
D2
15k
10k
1.5nF
1000pF
2200pF
LT3506
VIN2
VIN1
GND
1/2 BAT-54A
1/2 BAT-54A
D1, D2: ON SEMI MBR5230LT3
BOOST2
SW2
FB2
VC2
RUN/SS2
BOOST1
SW1
FB1
VC1
RUN/SS1
PGOOD1
PGOOD2
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT3506EFE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506 LINER-LT3506 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results

Similar Description - LT3506EFE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com