Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3570 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3570
Description  1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3570 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3570 Datasheet HTML 6Page - Linear Technology LT3570 Datasheet HTML 7Page - Linear Technology LT3570 Datasheet HTML 8Page - Linear Technology LT3570 Datasheet HTML 9Page - Linear Technology LT3570 Datasheet HTML 10Page - Linear Technology LT3570 Datasheet HTML 11Page - Linear Technology LT3570 Datasheet HTML 12Page - Linear Technology LT3570 Datasheet HTML 13Page - Linear Technology LT3570 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3570
10
3570fa
APPLICATIONS INFORMATION
FB Resistor Network
The output voltage is programmed with a resistor divider
(refer to the Block Diagram) between the output and the
FB pin. Choose the resistors according to:
R1
=R2
VOUT
788mV
–1
⎝⎜
⎠⎟
Buck Inductor Selection and Maximum Output Current
A good first choice for the inductor value is
L
=
VOUT2 + VF
0.75 • f
for SW2
where VF is the voltage drop of the catch diode (~0.4V)
and f is the switching frequency. With this inductance
value or greater, the maximum load current will be 1A,
independent of input voltage. The inductor’s RMS current
rating must be greater than the maximum load current and
its saturation current should be at least 30% higher. For
highest efficiency, the series resistance (DCR) should be
less than 0.1Ω. Table 1 lists several vendors and types
that are suitable.
Table 1. Inductors
PART NUMBER
VALUE
(μH)
ISAT
(A)
DCR
(
Ω)
HEIGHT
(mm)
Sumida
CDRH4D28-3R3
3.3
1.57
0.049
3.0
CDRH4D28-4R7
4.7
1.32
0.072
3.0
CDC5D23-2R2
2.2
2.50
0.03
2.5
CR43-3R3
3.3
1.44
0.086
3.5
CDRH5D28-100
10
1.3
0.048
3.0
Coilcraft
DO1608C-332
3.3
2.00
0.080
2.9
DO1608C-472
4.7
1.50
0.090
2.9
MOS6020-332
3.3
1.8
0.046
2.0
D03314-103
10
0.8
0.520
1.4
D03314-222
2.2
1.6
0.200
1.4
Toko
(D62F)847FY-2R4M
2.4
2.5
0.037
2.7
(D73LF)817FY-2R2M
2.2
2.7
0.03
3.0
Coiltronics
TP3-4R7
4.7
1.5
0.181
2.2
TP1-2R2
2.2
1.3
0.188
1.8
TP4-100
10
1.5
0.146
3.0
The optimum inductor for a given application may differ
from the one indicated by this simple design guide. A
larger value inductor provides a slightly higher maximum
load current and will reduce the output voltage ripple. If
your load is lower than the maximum load current, then
you can relax the value of the inductor and operate with
higher ripple current. This allows you to use a physically
smaller inductor or one with a lower DCR resulting in
higher efficiency. Be aware that if the inductance differs
from the simple rule above, then the maximum load current
will depend on input voltage. In addition, low inductance
may result in discontinuous mode operation, which further
reduces maximum load current. For details of maximum
output current and discontinuous mode operation, see
Linear Technology’s Application Note 44. Finally, for duty
cycles greater than 50% (VOUT2/VIN2 > 0.5) a minimum
inductance is required to avoid subharmonic oscillations,
see Application Note 19.
The current in the inductor is a triangle wave with an average
value equal to the load current. The peak switch current
is equal to the output current plus half the peak-to-peak
inductor ripple current. The LT3570 limits its switch cur-
rent in order to protect itself and the system from overload
faults. Therefore, the maximum output current that the
LT3570 will deliver depends on the switch current limit,
the inductor value and the input and output voltages.
When the switch is off, the potential across the inductor
is the output voltage plus the catch diode drop. This gives
the peak-to-peak ripple current in the inductor:
ΔIL2 =
1– DC2
() V
OUT2 + VF
()
L•f
where DC2 is the duty cycle and is defined as:
DC2
=
VOUT2
VIN2
The peak inductor and switch current is:
ISWPK2 =ILPK2 =IOUT2 +
ΔIL2
2
To maintain output regulation, this peak current must be
less than the LT3570’s switch current limit ILIM2. ILIM2 is
at least 1.5A at low duty cycles and decreases linearly


Similar Part No. - LT3570

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
More results

Similar Description - LT3570

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3570 LINER-LT3570_15 Datasheet
293Kb / 20P
   1.5A Buck Converter, 1.5A Boost Converter and LDO Controller
logo
SHENZHEN FUMAN ELECTRON...
FM3406MS FUMAN-FM3406MS Datasheet
477Kb / 8P
   1.5A Buck Converter IC
logo
Linear Technology
LTC3111EDHD LINER-LTC3111EDHD Datasheet
532Kb / 6P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Diodes Incorporated
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
logo
Linear Technology
LTC3111 LINER-LTC3111_15 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
LTC3111 LINER-LTC3111 Datasheet
508Kb / 32P
   15V, 1.5A Synchronous Buck-Boost DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2786 SKYWORKS-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
Advanced Analogic Techn...
AAT2786 ANALOGICTECH-AAT2786 Datasheet
3Mb / 27P
   1.5A Step-Down Converter and 150mA LDO
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
   1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
   1.5A 1.5MHz Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com