Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3506AEFE Datasheet(PDF) 2 Page - Linear Technology

Part # LT3506AEFE
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506AEFE Datasheet(HTML) 2 Page - Linear Technology

  LT3506AEFE Datasheet HTML 1Page - Linear Technology LT3506AEFE Datasheet HTML 2Page - Linear Technology LT3506AEFE Datasheet HTML 3Page - Linear Technology LT3506AEFE Datasheet HTML 4Page - Linear Technology LT3506AEFE Datasheet HTML 5Page - Linear Technology LT3506AEFE Datasheet HTML 6Page - Linear Technology LT3506AEFE Datasheet HTML 7Page - Linear Technology LT3506AEFE Datasheet HTML 8Page - Linear Technology LT3506AEFE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3506/LT3506A

3506afb
Absolute MAxiMuM RAtings
VIN Voltage................................................. –0.3V to 25V
BOOST Pin Voltage ...................................................50V
BOOST Pin Above SW Pin.........................................25V
PG Pin Voltage..........................................................25V
RUN/SS, FB, VC Pins................................................5.5V
(Note 1)
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
FB1
VC1
PG1
RUN/SS1
RUN/SS2
PG2
VC2
FB2
BOOST1
SW1
VIN1
VIN1
VIN2
VIN2
SW2
BOOST2
TOP VIEW
DHD PACKAGE
16-LEAD PLASTIC DFN
TJMAX = 125°C, θJA = 43°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 17) IS GND MUST BE SOLDERED TO PCB
FE PACKAGE
16-LEAD PLASTIC TSSOP NARROW
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
17
BOOST1
SW1
VIN1
VIN1
VIN2
VIN2
SW2
BOOST2
FB1
VC1
PG1
RUN/SS1
RUN/SS2
PG2
VC2
FB2
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND MUST BE SOLDERED TO PCB
Maximum Junction Temperature........................... 125°C
Operating Temperature Range (Note 2)
E Grade................................................ –40°C to 85°C
I Grade............................................... –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
PI CO FIGURATIO
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3506EDHD#PBF
LT3506EDHD#TRPBF
3506
16-Lead (5mm x 4mm) Plastic DFN
–40°C to 85°C
LT3506AEDHD#PBF
LT3506AEDHD#TRPBF
3506A
16-Lead (5mm x 4mm) Plastic DFN
–40°C to 85°C
LT3506IDHD#PBF
LT3506IDHD#TRPBF
3506
16-Lead (5mm x 4mm) Plastic DFN
–40°C to 125°C
LT3506AIDHD#PBF
LT3506AIDHD#TRPBF
3506A
16-Lead (5mm x 4mm) Plastic DFN
–40°C to 125°C
LT3506EFE#PBF
LT3506EFE#TRPBF
3506EFE
16-Lead Plastic TSSOP Narrow
–40°C to 85°C
LT3506AEFE#PBF
LT3506AEFE#TRPBF
3506AEFE
16-Lead Plastic TSSOP Narrow
–40°C to 85°C
LT3506IFE#PBF
LT3506IFE#TRPBF
3506IFE
16-Lead Plastic TSSOP Narrow
–40°C to 125°C
LT3506AIFE#PBF
LT3506AIFE#TRPBF
3506AIFE
16-Lead Plastic TSSOP Narrow
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3506EDHD
LT3506EDHD#TR
3506
16-Lead (5mm x 4mm) Plastic DFN
–40°C to 85°C
LT3506AEDHD
LT3506AEDHD#TR
3506A
16-Lead (5mm x 4mm) Plastic DFN
–40°C to 85°C
LT3506IDHD
LT3506IDHD#TR
3506
16-Lead (5mm x 4mm) Plastic DFN
–40°C to 125°C
LT3506AIDHD
LT3506AIDHD#TR
3506A
16-Lead (5mm x 4mm) Plastic DFN
–40°C to 125°C
LT3506EFE
LT3506EFE#TR
3506EFE
16-Lead Plastic TSSOP Narrow
–40°C to 85°C
LT3506AEFE
LT3506AEFE#TR
3506AEFE
16-Lead Plastic TSSOP Narrow
–40°C to 85°C
LT3506IFE
LT3506IFE#TR
3506IFE
16-Lead Plastic TSSOP Narrow
–40°C to 125°C
LT3506AIFE
LT3506AIFE#TR
3506AIFE
16-Lead Plastic TSSOP Narrow
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER I FOR ATIO


Similar Part No. - LT3506AEFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results

Similar Description - LT3506AEFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com