Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3505EDD-TR Datasheet(PDF) 10 Page - Linear Technology

Part # LT3505EDD-TR
Description  1.2A, Step-Down Switching Regulator in 3mm3mm DFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3505EDD-TR Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3505EDD-TR Datasheet HTML 6Page - Linear Technology LT3505EDD-TR Datasheet HTML 7Page - Linear Technology LT3505EDD-TR Datasheet HTML 8Page - Linear Technology LT3505EDD-TR Datasheet HTML 9Page - Linear Technology LT3505EDD-TR Datasheet HTML 10Page - Linear Technology LT3505EDD-TR Datasheet HTML 11Page - Linear Technology LT3505EDD-TR Datasheet HTML 12Page - Linear Technology LT3505EDD-TR Datasheet HTML 13Page - Linear Technology LT3505EDD-TR Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT3505
10
3505fc
Now the required on time has decreased below the
minimum on time of 130ns. Instead of the switch pulse
width becoming narrower to accommodate the lower duty
cycle requirement, the switch pulse width remains fixed
at 130ns. In Figure 2 the inductor current ramps up to a
value exceeding the load current and the output ripple
increases to ~200mV. The part then remains off until the
output voltage dips below 100% of the programmed value
before it begins switching again.
For switching frequencies above 750kHz, the input voltage
must not exceed VIN(PS).Seethe“InputVoltageFrequency
Foldback” section of the datasheet for a circuit solution
that provides safe operation above VIN(PS) at switching
frequencies exceeding 750kHz. For switching frequencies
below 750kHz, operation above VIN(PS) is safe and will
not damage the part as long as the output voltage stays
in regulation and the inductor does not saturate. Figure
3 shows the switching waveforms of a 750kHz applica-
tion when the input voltage is increased to its absolute
maximum rating of 40V.
As the input voltage increases, the inductor current ramp
rate increases, the number of skipped pulses increases
and the output voltage ripple increases. The part is robust
enough to survive prolonged operation under these condi-
tions as long as the programmed switching frequency is
less than 750kHz and the peak inductor current does not
exceed 2.2A. Inductor current saturation may further limit
performance in this operating regime.
Frequency Selection
The maximum frequency that the LT3505 can be pro-
grammed to is 3MHz. The minimum frequency that the
LT3505 can be programmed to is 200kHz. The switching
frequencyisprogrammedbytyinga1%resistorfromtheRT
pin to ground. Table 1 can be used to select the value of RT.
Minimumon-timeandedgelossmustbetakenintoconsid-
erationwhenselectingtheintendedfrequencyofoperation.
Higher switching frequency increases power dissipation
andlowersefficiency.
APPLICATIONS INFORMATION
VSW
20V/DIV
VOUT
200mV/DIV
AC COUPLED
COUT = 10 F
VOUT = 3V
VIN = 35V
ILOAD = 0.75A
L = 10 H
RT = 75.0k
2 s/DIV
3505 F02
IL
0.5A/DIV
Figure 2
Figure 3
VSW
20V/DIV
VOUT
200mV/DIV
AC COUPLED
COUT = 10µF
VOUT = 3V
VIN = 40V
ILOAD = 0.75A
L = 10
µH
RT = 75.0k
2
µs/DIV
3505 F03
IL
0.5A/DIV
VSW
20V/DIV
VOUT
200mV/DIV
AC COUPLED
COUT = 10 F
VOUT = 3V
VIN = 30V
ILOAD = 0.75A
L = 10 H
RT = 75.0k
2 s/DIV
3505 F01
IL
0.5A/DIV
Figure 1


Similar Part No. - LT3505EDD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3505EDD LINER-LT3505EDD Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3505EDD#TRPBF LINER-LT3505EDD#TRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
More results

Similar Description - LT3505EDD-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505EDDTRPBF LINER-LT3505EDDTRPBF Datasheet
817Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm x 3mm DFN
LT3493 LINER-LT3493 Datasheet
592Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3493-3 LINER-LT3493-3 Datasheet
405Kb / 20P
   1.2A, 750kHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LT3503 LINER-LT3503 Datasheet
428Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator in 2mm 횞 3mm DFN
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com