Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3506EFE Datasheet(PDF) 11 Page - Linear Technology

Part # LT3506EFE
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506EFE Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3506EFE Datasheet HTML 7Page - Linear Technology LT3506EFE Datasheet HTML 8Page - Linear Technology LT3506EFE Datasheet HTML 9Page - Linear Technology LT3506EFE Datasheet HTML 10Page - Linear Technology LT3506EFE Datasheet HTML 11Page - Linear Technology LT3506EFE Datasheet HTML 12Page - Linear Technology LT3506EFE Datasheet HTML 13Page - Linear Technology LT3506EFE Datasheet HTML 14Page - Linear Technology LT3506EFE Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3506/LT3506A

3506afb
Finally,theremustbeenoughcapacitanceforgoodtransient
performance.Thelastequationgivesagoodstartingpoint.
Alternatively, you can start with one of the designs in this
data sheet and experiment to get the desired performance.
This topic is covered more thoroughly in the section on
loop compensation.
For 5V and 3.3V outputs with greater than 1A output, a
22μF 6.3V ceramic capacitor (X5R or X7R) at the output
results in very low output voltage ripple and good tran-
sient response. For lower voltages, 22μF is adequate but
increasing COUT will improve transient performance. For
the LT3506A, 10μF of output capacitance is sufficient at
VOUT between 3.3V and 5V. Other types and values can be
used. The following discusses tradeoffs in output ripple
and transient performance.
The high performance (low ESR), small size and robust-
ness of ceramic capacitors make them the preferred type
for LT3506 applications. However, all ceramic capacitors
are not the same. As mentioned above, many of the
higher value capacitors use poor dielectrics with high
temperature and voltage coefficients. In particular, Y5V
and Z5U types lose a large fraction of their capacitance
with applied voltage and temperature extremes. Because
the loop stability and transient response depend on the
value of COUT, you may not be able to tolerate this loss.
Use X7R and X5R types.
You can also use electrolytic capacitors. The ESRs of most
aluminum electrolytics are too large to deliver low output
ripple. Tantalum and newer, lower ESR organic electrolytic
capacitors intended for power supply use are suitable,
and the manufacturers will specify the ESR. The choice of
capacitor value will be based on the ESR required for low
ripple. Because the volume of the capacitor determines
its ESR, both the size and the value will be larger than a
ceramic capacitor that would give similar ripple perfor-
mance. One benefit is that the larger capacitance may give
bettertransientresponseforlargechangesinloadcurrent.
Table 2 lists several capacitor vendors.
Table 2. Low-ESR Surface Mount Capacitors
VENDOR
TYPE
SERIES
Taiyo-Yuden
Ceramic
AVX
Ceramic
Tantalum
TPS
Kemet
Tantalum
Tantalum
Organic
Aluminum
Organic
T491, T494, T495, T520
A700
Sanyo
Tantalum or Aluminum
Organic
POSCAP
Panasonic
Aluminum
Organic
SP
CAP
TDK
Ceramic
Catch Diode
The catch diode (D1 in Figure 2) must have a reverse volt-
age rating greater than the maximum input voltage. The
average current of the catch diode is given by:
IDAVE=IOUT(1-DCMIN)
A Schottky diode with a 1A average forward current rating
will suffice for most applications. The ON Semiconductor
MBRM120LT3 (20V) and MBRM130LT3 (30V) are good
choices;theyhaveatinypackagewithgoodthermalproper-
ties.Manyvendorshavesuitablesurfacemountversionsof
the 1N5817 (20V) and 1N5818 (30V) 1A Schottky diodes
such as the Microsemi UPS120.
Applications with large step down ratios and high output
currents may have more than 1A of average diode current.
TheONSemiconductorMBRS230LT3orInternationalRec-
tifier 20BQ030 (both 2A, 30V) would be good choices.
BOOST Pin Considerations
The capacitor and diode tied to the BOOST pin generate
a voltage that is higher than the input voltage. In most
cases a 0.1μF capacitor and fast switching diode (such
as the CMDSH-3 or FMMD914) will work well. Figure 3
APPLICATIO S I FOR ATIO


Similar Part No. - LT3506EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506 LINER-LT3506 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results

Similar Description - LT3506EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com