Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3509IDE-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3509IDE-TRPBF
Description  Dual 36V, 700mA Step-Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3509IDE-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3509IDE-TRPBF Datasheet HTML 4Page - Linear Technology LT3509IDE-TRPBF Datasheet HTML 5Page - Linear Technology LT3509IDE-TRPBF Datasheet HTML 6Page - Linear Technology LT3509IDE-TRPBF Datasheet HTML 7Page - Linear Technology LT3509IDE-TRPBF Datasheet HTML 8Page - Linear Technology LT3509IDE-TRPBF Datasheet HTML 9Page - Linear Technology LT3509IDE-TRPBF Datasheet HTML 10Page - Linear Technology LT3509IDE-TRPBF Datasheet HTML 11Page - Linear Technology LT3509IDE-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3509
8
3509f
OPERATION
Overview
The LT3509 is a dual, constant frequency, current mode
switching regulator with internal power switches. The two
independent channels share a common voltage reference
andoscillatorandoperateinphase.Theswitchingfrequency
is set by a single resistor and can also be synchronized to
an external clock. Operation can be best understood by
referring to the Block Diagram (Figure 1).
Startup and Shutdown
When the RUN/SS[1,2] pins are pulled low (<0.3V) the
associated regulator channel is shut-down. If both channels
are shut down, the common circuitry also enters a low
current state. When the RUN/SS pins exceed approximately
0.7V, the common circuitry and the associated regulator
are enabled but the output current is limited. From 0.7V up
to 2.0V the current limit increases until it reaches the full
value. The RUN/SS pins also incorporate a 1μA pull-up to
approximately 3V, so the regulator will run if they are left
open. A capacitor to ground will cause a current limited
soft-start to occur at power-up. In the case of undervoltage,
overvoltage or over-temperature conditions the internal
circuitry will pull the RUN/SS pins down with a current
of approximately 250μA. Thus a new soft-start cycle will
occur when the fault condition ends.
Voltage and Current Regulation
The power switches are controlled by a current-mode
regulator architecture. The power switch is turned on at
the beginning of each clock cycle and turned off by the
Main Current Comparator. The inductor current will ramp
up while the switch is on until it reaches the peak current
threshold. The current at which it turns off is determined
by the Error Amp and the internal compensation network.
When the switch turns off, the current in the inductor
will cause the SW pin to fall rapidly until the catch diode,
D1, conducts. The voltage applied to the inductor will
now reverse and the current will linearly fall. The resistor
divider, R1 and R2, sets the desired output voltage such
that when the voltage at FB reaches 0.8V, the Main Current
Comparator threshold will fall and reduce the peak inductor
current and hence the average current, until it matches the
load current. By making current the controlled variable in
the loop, the inductor impedance is effectively removed
from the transfer function and the compensation network
is simplified. The Main Current Comparator threshold is
reduced by the slope compensation signal to eliminate
sub-harmonic oscillations at duty cycles >50%.
Current Limiting
Current mode control provides cycle by cycle current
limiting by means of a clamp on the maximum current that
can be provided by the switch. A comparator monitors the
current flowing through the catch diode via the DA pin.
This comparator delays switching if the diode current is
higher than 0.95A (typical). This current level is indicative
of a fault condition such as a shorted output with a high
input voltage. Switching will only resume once the diode
current has fallen below the 0.95A limit. This way the DA
comparator regulates the valley current of the inductor to
0.95A during a short circuit. This will ensure the part will
survive a short circuit event.
Over and Under Voltage Shutdown
A basic under voltage lockout prevents switching if VIN
is below 3.3V (typical). The overvoltage shutdown stops
the part from switching when VIN is greater than 38.5V
(typical). This protects the device and its load during
momentary overvoltage events. After the input voltage
falls below 38.5V, the part initiates a soft start sequence
and resumes switching.
BOOST Circuit
To ensure best efficiency and minimum dropout voltage
the output transistor base drive is boosted above VIN by
the external boost capacitors (C4). When the SW pin is
low the capacitors are charged via the BOOST diodes and
the supply on BD.


Similar Part No. - LT3509IDE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
More results

Similar Description - LT3509IDE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
   36V, 3A Step-Down Module Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com