Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BF996S Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. BF996S
Description  N.Channel Dual Gate MOS-Fieldeffect Tetrode, Depletion Mode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BF996S Datasheet(HTML) 5 Page - Vishay Siliconix

  BF996S Datasheet HTML 1Page - Vishay Siliconix BF996S Datasheet HTML 2Page - Vishay Siliconix BF996S Datasheet HTML 3Page - Vishay Siliconix BF996S Datasheet HTML 4Page - Vishay Siliconix BF996S Datasheet HTML 5Page - Vishay Siliconix BF996S Datasheet HTML 6Page - Vishay Siliconix BF996S Datasheet HTML 7Page - Vishay Siliconix BF996S Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BF996S
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
5 (8)
Document Number 85010
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
1012 141618 20
VDS – Drain Source Voltage ( V )
12856
VG2S=4V
f=1MHz
Figure 7. Output Capacitance vs. Drain Source Voltage
–60
–50
–40
–30
–20
–10
0
10
–2.0 –1.5 –1.0 –0.5 0.0
0.5
1.0
1.5
2.0
VG1S – Gate 1 Source Voltage ( V )
12855
4V
0
2V
1V
3V
f= 200MHz
–0.2V
VG2S=–1V
–0.8V
–0.6V
–0.4V
Figure 8. Transducer Gain vs. Gate 1 Source Voltage
0
2
4
6
8
10
12
14
16
18
20
02468
10
12
14
16
18
ID – Drain Current ( mA )
12850
VDS=15V
f=1MHz
4V
2V
3V
1V
0.5V
VG2S=0
Figure 9. Forward Transadmittance vs. Drain Current
0
2
4
6
8
10
12
14
16
18
20
0
123
456
789
10
Re (y11) ( mS )
12857
VDS=15V
VG2S=4V
ID=10mA
f=100...1300MHz
700MHz
1100MHz
500MHz
900MHz
300MHz
f=1300MHz
100MHz
Figure 10. Short Circuit Input Admittance
–25
–20
–15
–10
–5
0
–15
–10
–5
0
5
10
15
20
Re (y21) ( mS )
12858
VDS=15V
VG2S=4V
f=100...1300MHz
f=100MHz
1300MHz
500MHz
300MHz
1100MHz
900MHz
700MHz
ID=5mA
10mA
15mA
Figure 11. Short Circuit Forward Transfer Admittance
0
1
2
3
4
5
6
7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Re (y22) ( mS )
12859
VDS=15V
VG2S=4V
ID=10mA
f=100...1300MHz
f=1300MHz
900MHz
500MHz
300MHz
100MHz
700MHz
1100MHz
Figure 12. Short Circuit Output Admittance


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn