Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3510IFE-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3510IFE-PBF
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510IFE-PBF Datasheet(HTML) 1 Page - Linear Technology

  LT3510IFE-PBF Datasheet HTML 1Page - Linear Technology LT3510IFE-PBF Datasheet HTML 2Page - Linear Technology LT3510IFE-PBF Datasheet HTML 3Page - Linear Technology LT3510IFE-PBF Datasheet HTML 4Page - Linear Technology LT3510IFE-PBF Datasheet HTML 5Page - Linear Technology LT3510IFE-PBF Datasheet HTML 6Page - Linear Technology LT3510IFE-PBF Datasheet HTML 7Page - Linear Technology LT3510IFE-PBF Datasheet HTML 8Page - Linear Technology LT3510IFE-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LT3510
1
3510fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Monolithic Dual Tracking
2A Step-Down Switching
Regulator
The LT®3510 is a dual current mode PWM step-down
DC/DC converter with two internal 2.5A switches. Inde-
pendent input voltage, feedback, soft-start and power
good pins for each channel simplify complex power
supply tracking/sequencing requirements.
Both converters are synchronized to either a common
external clock input or a resistor programmable fixed
250kHz to 1.5MHz internal oscillator. At all frequencies, a
180° phase relationship between channels is maintained,
reducing voltage ripple and component size. Programmable
frequency allows for optimization between efficiency and
external component size.
Minimum input-to-output voltage ratios are improved
by allowing the switch to stay on through multiple clock
cycles, only switching off when the boost capacitor needs
recharging, resulting in ~95% maximum duty cycle.
Each output can be independently disabled using its own
soft-start pin, or by using the SHDN pin the entire part can
be placed in a low quiescent current shutdown mode.
The LT3510 is available in a 20-lead TSSOP package with
exposed leadframe for low thermal resistance.
n DSP Power Supplies
n Disc Drives
n DSL/Cable Modems
n Wall Transformer Regulation
n Distributed Power Regulation
n PCI Cards
n Wide Input Range: 3.1V to 25V
n Two Switching Regulators with 2A Output Capability
n Independent Supply to Each Regulator
n Adjustable/Synchronizable Fixed Frequency
Operation from 250kHz to 1.5MHz
n Antiphase Switching
n Outputs Can be Paralleled
n Independent, Sequential, Ratiometric or Absolute
Tracking Between Outputs
n Independent Soft-Start and Power Good Pins
n Enhanced Short-Circuit Protection
n Low Dropout: 95% Maximum Duty Cycle
n Low Shutdown Current: <10μA
n 20-Lead TSSOP Package with Exposed Leadframe
3.3V and 1.8V Dual 2A Step-Down Converter with Output Tracking
, LT, LTC, and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Efficiency
SHDN
4.7μF
47μF
100μF
24.9k
61.9k
8.06k
470pF
10pF
47pF
40.2k
4.7μH
3.3μH
VOUT1
3.3V
2A
VOUT2
1.8V
2A
VIN
12V
0.47μF
B360A
B360A
0.47μF
PMEG4005
PMEG4005
VIN1
VIN2
LT3510
GND
BST1
SW1
IND1
VOUT1
PG1
FB1
VC1
SS/TRACK1
RT/SYNC
BST2
SW2
IND2
VOUT2
PG2
FB2
VC2
SS/TRACK2
10k
8.06k
3510 TA01a
0.1μF
470pF
40.2k
LOAD CURRENT (A)
0
0
20
40
60
0.5
1
1.5
3510 TA01b
80
100
10
30
50
70
90
2
VOUT = 5V
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VIN = 12V
IOUT2 = 0A
FREQUENCY = 500kHz


Similar Part No. - LT3510IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3510 LINER-LT3510 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3510 LINER-LT3510_12 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
More results

Similar Description - LT3510IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510_12 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992A LINER-LT3992A Datasheet
226Kb / 6P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com