Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3510IFE-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3510IFE-PBF
Description  Monolithic Dual Tracking 2A Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3510IFE-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3510IFE-PBF Datasheet HTML 5Page - Linear Technology LT3510IFE-PBF Datasheet HTML 6Page - Linear Technology LT3510IFE-PBF Datasheet HTML 7Page - Linear Technology LT3510IFE-PBF Datasheet HTML 8Page - Linear Technology LT3510IFE-PBF Datasheet HTML 9Page - Linear Technology LT3510IFE-PBF Datasheet HTML 10Page - Linear Technology LT3510IFE-PBF Datasheet HTML 11Page - Linear Technology LT3510IFE-PBF Datasheet HTML 12Page - Linear Technology LT3510IFE-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT3510
9
3510fc
BLOCK DIAGRAM
Figure 1. Block Diagram (One of Two Switching Regulators Shown)
The LT3510 is dual channel, constant frequency, current
mode buck converter with internal 2A switches. Each
channel is identical with a common shutdown pin, internal
regulator, oscillator, undervoltage detect, thermal shutdown
and power-on reset.
If the SHDN pin is taken below its 1.28V threshold the
LT3510 will be placed in a low quiescent current mode.
In this mode the LT3510 typically draws 9μA from VIN1
and <1μA from VIN2. In shutdown mode the PG is active
with a typical sink capability of 50μA for VIN1 voltage
greater than 2V.
When the SHDN pin is opened or driven above 1.28V,
the internal bias circuits turn on generating an internal
regulated voltage, 0.8VFB, 0.975V RT/SYNC references,
and a POR signal which sets the soft-start latch.
As the RT/SYNC pin reaches its 0.975V regulation point,
the internal oscillator will start generating two clock sig-
nals 180° out of phase for each regulator at a frequency
determined by the resistor from the RT/SYNCpintoground.
Alternatively, if a synchronization signal is detected by the
LT3510 at the RT/SYNC pin, clock signals 180° out of phase
+
+
INTERNAL
REGULATOR
AND
REFERENCE
OSCILLATOR
AND
AGC
POR
UNDERVOLTAGE
TSD
7μA
SHUTDOWN
COMPARATOR
RT/SYNC
R3
VIN1
SHDN
3μA
1.28V
GND
S
0.8V
LOWEST
VOLTAGE
POWER GOOD
COMPARATOR
SOFT-START
RESET
COMPARATOR
0.72V
VC
C
RQ
3.25A
CLK1
ONE CHANNEL
CLK2
R
S
Q
PRE
DRIVER
CIRCUITRY
DROPOUT
ENHANCEMENT
SLOPE
COMPENSATION
+
+
VIN
VOUT
BST
L1
D
D
R1
R2
C3
C
SW
IND
FB
PGOOD
3510 BD
+
+
+
80mV
C
SS
VC CLAMP
SS CLAMP
APPLICATIONS INFORMATION


Similar Part No. - LT3510IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3510 LINER-LT3510 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3510 LINER-LT3510_12 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
More results

Similar Description - LT3510IFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510_12 Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992A LINER-LT3992A Datasheet
226Kb / 6P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com