Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3506AEFE-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3506AEFE-TRPBF
Description  Dual Monolithic 1.6A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3506AEFE-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3506AEFE-TRPBF Datasheet HTML 5Page - Linear Technology LT3506AEFE-TRPBF Datasheet HTML 6Page - Linear Technology LT3506AEFE-TRPBF Datasheet HTML 7Page - Linear Technology LT3506AEFE-TRPBF Datasheet HTML 8Page - Linear Technology LT3506AEFE-TRPBF Datasheet HTML 9Page - Linear Technology LT3506AEFE-TRPBF Datasheet HTML 10Page - Linear Technology LT3506AEFE-TRPBF Datasheet HTML 11Page - Linear Technology LT3506AEFE-TRPBF Datasheet HTML 12Page - Linear Technology LT3506AEFE-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT3506/LT3506A

3506afb
The current in the inductor is a triangle wave with an
average value equal to the load current. The peak switch
current is equal to the output current plus half the peak-to-
peak inductor ripple current. The LT3506 limits its switch
current in order to protect itself and the system from
overload faults. Therefore, the maximum output current
that the LT3506 will deliver depends on the current limit,
the inductor value and the input and output voltages. L
is chosen based on output current requirements, output
voltageripplerequirements,sizerestrictionsandefficiency
goals. When the switch is off, the inductor sees the output
voltage plus the catch diode drop. This gives the peak-to-
peak ripple current in the inductor:
ΔIL = (1 – DC)(VOUT + VD)/(L • f)
where f is the switching frequency of the LT3506 and L
is the value of the inductor. The peak inductor and switch
current is
ISWPK = ILPK = IOUT + ΔIL/2.
To maintain output regulation, this peak current must be
less than the LT3506’s switch current limit ILIM. ILIM is at
least 2A at low duty cycle and decreases linearly to 1.7A
at DC = 0.8. The maximum output current is a function of
the chosen inductor value:
IOUT(MAX) = ILIM – ΔIL/2 = 2A • (1 – 0.21 • DC) – ΔIL/2
If the inductor value is chosen so that the ripple current
is small, then the available output current will be near
the switch current limit. One approach to choosing the
inductor is to start with the simple rule given above, look
at the available inductors, and choose one to meet cost or
space goals. Then use these equations to check that the
LT3506 will be able to deliver the required output current.
Note again that these equations assume that the inductor
current is continuous. Discontinuous operation occurs
when IOUT is less than ΔIL/2 as calculated above.
Table 1. Inductors
Part Number
Value
(μH)
ISAT (A)
DCR (
W)
Height
(mm)
Sumida
CR43-3R3
3.3
1.44
0.086
3.5
CR43-4R7
4.7
1.15
0.109
3.5
CDC5d23-2R2
2.2
2.16
0.030
2.5
CDRH5D28-2R6
2.6
2.60
0.013
3.0
CDRH6D26-5R6
5.6
2.00
0.027
2.8
CDH113-100
10
2.00
0.047
3.7
Coilcraft
DO1606T-152
1.5
2.10
0.060
2.0
DO1606T-222
2.2
1.70
0.070
2.0
DO1608C-332
3.3
2.00
0.080
2.9
DO1608C-472
4.7
1.50
0.090
2.9
DO1813P-682HC
6.8
2.20
0.080
5.0
Cooper
SD414-2R2
2.2
2.73
0.061
1.35
SD414-6R8
6.8
1.64
0.135
1.35
UP1B-100
10
1.90
0.111
5.0
Toko
(D62F)847FY-2R4M
2.4
2.5
0.037
2.7
(D73LF)817FY-
2R2M
2.2
2.7
0.03
3.0
Input Capacitor Selection
Bypass the input of the LT3506 circuit with a 4.7μF or
higher ceramic capacitor of X7R or X5R type. A lower
value or a less expensive Y5V type can be used if there is
additional bypassing provided by bulk electrolytic or tan-
talum capacitors. The following paragraphs describe the
input capacitor considerations in more detail. Step-down
regulators draw current from the input supply in pulses
with very fast rise and fall times. The input capacitor is
requiredtoreducetheresultingvoltagerippleattheLT3506
and to force this very high frequency switching current
into a tight local loop, minimizing EMI. The input capaci-
APPLICATIO S I FOR ATIO


Similar Part No. - LT3506AEFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A Datasheet
350Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
More results

Similar Description - LT3506AEFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3506A LINER-LT3506A_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3506 LINER-LT3506_15 Datasheet
221Kb / 24P
   Dual Monolithic 1.6A Step-Down Switching Regulator
LT3508 LINER-LT3508_15 Datasheet
320Kb / 26P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3508 LINER-LT3508 Datasheet
316Kb / 24P
   Dual Monolithic 1.4A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT1940 LINER-LT1940_15 Datasheet
286Kb / 20P
   Dual Monolithic 1.4A, 1.1MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com