Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3509 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3509
Description  Dual 36V, 700mA Step-Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3509 Datasheet(HTML) 3 Page - Linear Technology

  LT3509 Datasheet HTML 1Page - Linear Technology LT3509 Datasheet HTML 2Page - Linear Technology LT3509 Datasheet HTML 3Page - Linear Technology LT3509 Datasheet HTML 4Page - Linear Technology LT3509 Datasheet HTML 5Page - Linear Technology LT3509 Datasheet HTML 6Page - Linear Technology LT3509 Datasheet HTML 7Page - Linear Technology LT3509 Datasheet HTML 8Page - Linear Technology LT3509 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3509
3
3509f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device reliability
and lifetime.
Note 2. Absolute Maximum Voltage at the VIN pin is 60V for non-repetitive
1 second transients and 36V for continuous operation.
Note 3. The LT3509E is guaranteed to meet performance specifications from
0°C to 125°C junction temperature. Specifications over the –40°C to 125°C
operating junction temperature range are assured by design, characterization
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, VBD = 5V. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Undervoltage Lockout
3.3
3.6
V
VIN Overvoltage Lockout
37
38.5
40
V
Input Quiescent Current
Not Switching VFB > 0.8V
1.9
2.2
mA
Input Shutdown Current
V(RUN/SS[1,2]) < 0.3V
9
15
μA
Feedback Pin Voltage
l
0.784
0.8
0.816
V
Reference Voltage Line Regulation
3.6V < VIN < 36V
0.01
%/V
RUN/SS Shutdown Threshold
0.4
0.6
0.8
V
RUN/SS Voltage for Full IOUT
2V
RUN/SS Pin Pull-up Current
0.7
1
1.3
μA
Feedback Pin Bias Current
l
90
500
nA
Switch Current Limit
l
1.05
1.4
1.9
A
DA Comparator Current Threshold
0.7
0.95
1.2
A
Boost Pin Current
ISW = 0.9A
22
36
mA
Switch Leakage Current
0.01
1.0
μA
Switch Saturation Voltage
ISW = 0.9A (Note 4)
0.32
V
Minumum Boost Voltage above Switch
ISW = 0.9A
1.5
2.2
V
Boost Diode Forward Voltage
IBD= 20mA
0.7
0.9
V
Boost Diode Leakage
VR = 30V
0.1
5
μA
Switching Frequency
RT = 40.2kΩ
RT = 180kΩ
RT = 14.1kΩ
l
0.92
237
2.0
1.0
264
2.2
1.08
290
2.5
MHz
kHz
MHz
Switch Minimum Off Time
l
80
150
ns
and correlation with statistical process controls. The LT3509I is guaranteed
over the full –40°C to 125°C temperature range.
Note 4. Switch Saturation Voltage is guaranteed by design.
Note 5. This IC includes over-temperature protection that is intended to protect
the device during momentary overload conditions. Junction temperature will
exceed the maximum operating temperature when overtemperature protection
is active. Continuous operation above the specified maximum operating
junction temperature may impair device reliability.


Similar Part No. - LT3509

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
More results

Similar Description - LT3509

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
   36V, 3A Step-Down Module Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com