Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3509 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3509
Description  Dual 36V, 700mA Step-Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3509 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3509 Datasheet HTML 14Page - Linear Technology LT3509 Datasheet HTML 15Page - Linear Technology LT3509 Datasheet HTML 16Page - Linear Technology LT3509 Datasheet HTML 17Page - Linear Technology LT3509 Datasheet HTML 18Page - Linear Technology LT3509 Datasheet HTML 19Page - Linear Technology LT3509 Datasheet HTML 20Page - Linear Technology LT3509 Datasheet HTML 21Page - Linear Technology LT3509 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LT3509
18
3509f
Diode Selection
The catch diode (D1 from Figure 1) conducts current only
during switch off time. Average forward current in normal
operation can be calculated from:
II
V
V
V
D AVG
OUT
IN
OUT
IN
()
(–
) /
=
The only reason to consider a diode with a larger current
rating than necessary for nominal operation is for the
worst-case condition of shorted output. The diode current
will then increase to the typical peak switch current limit.
If transient input voltages exceed 40V, use a Schottky
diode with a reverse voltage rating of 45V or higher. If
the maximum transient input voltage is under 40V, use a
Schottky diode with a reverse voltage rating greater than
the maximum input voltage. Table 3 lists several Schottky
diodes and their manufacturers:
Table 3. Schottky Diodes
MANUFACTURER/
PART NUMBER
VR
(V)
IAVE
(A)
VF at 1A
(mV)
On Semiconductor
MBRM140
40
1
550
MicroSemi
UPS140
40
1
450
Diodes Inc.
DFLS140L
40
1
550
1N5819HW
40
1
450
Short and Reverse Protection
Provided the inductors are chosen to not go deep into
their saturation region at the maximum ILIMIT current the
LT3509 will tolerate a short-circuit on one or both outputs.
The excess current in the inductor will be detected by the
DA comparator and the frequency will reduced until the
valley current is below the limit. This shouldn’t affect the
other channel unless the channel that is shorted is also
providing the boost supply to the BD pin. In this case the
voltage drop of the other switch will increase and lower the
efficiency. This could eventually cause the part to reach
the thermal shutdown limit. One other important feature
of the part that needs to be considered is that there is a
parasitic diode in parallel with the power switch. In normal
operation this is reverse biased but it could conduct if the
load can be powered from an alternate source when the
LT3509 has no input. This may occur in battery charging
applications or in battery backup systems where a bat-
tery or some other supply is diode OR-ed with one of the
LT3509 regulated outputs. If the SW pin is at more than
about 4V the VIN pin can attain sufficient voltage for LT3509
control circuitry to power-up to the quiescent bias level
and up to 2mA could be drawn from the backup supply.
This can be minimized if some discrete FETs or open drain
buffers are used to pull down the RUN/SS pins. Of course
the gates need to be driven from the standby or battery
backed supply. If there is the possibility of a short-circuit
at the input or just other parallel circuits connected to VIN
it would be best to add a protection diode in series with
VIN. This will also protect against a reversed input polarity.
These concepts are illustrated in Figure 12.
APPLICATIONS INFORMATION
L1
D1
SLEEP
D2
VOUT
COUT
CBOOST
CIN
VIN
3509 F12
LT3509
GND
VIN
RUN/SS1
RUN/SS2
BD
BOOST
SW
DA
Figure 12. Reverse Bias Protection


Similar Part No. - LT3509

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
More results

Similar Description - LT3509

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
   36V, 3A Step-Down Module Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com