Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3509 Datasheet(PDF) 15 Page - Linear Technology

Part # LT3509
Description  Dual 36V, 700mA Step-Down Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3509 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT3509 Datasheet HTML 11Page - Linear Technology LT3509 Datasheet HTML 12Page - Linear Technology LT3509 Datasheet HTML 13Page - Linear Technology LT3509 Datasheet HTML 14Page - Linear Technology LT3509 Datasheet HTML 15Page - Linear Technology LT3509 Datasheet HTML 16Page - Linear Technology LT3509 Datasheet HTML 17Page - Linear Technology LT3509 Datasheet HTML 18Page - Linear Technology LT3509 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LT3509
15
3509f
APPLICATIONS INFORMATION
Table 2. Recommended Inductors
MANUFACTURER/
PART NUMBER
VALUE
(μH)
ISAT
(A)
DCR
(
Ω)
HEIGHT
(mm)
Coilcraft
LPS4018-222ML
2.2
2.8
0.07
1.7
LPS5030-332ML
3.3
2.5
0.066
2.9
LPS5030-472ML
4.7
2.5
0.083
2.9
LPS6225-682ML
6.8
2.7
0.095
2.4
LPS6225-103ML
10
2.1
0.105
2.4
Sumida
CDRH4D22/HP-2R2N
2.2
3.2
0.0035
2.4
CDRH4D22/HP-3R5N
3.5
2.5
0.052
2.4
CDRH4D22/HP-4R7N
4.7
2.2
0.066
2.4
CDRH5D28/HP-6R8N
6.8
3.1
0.049
3.0
CDRH5D28/HP-8R2N
8.2
2.7
0.071
3.0
CDRH5D28R/HP-100N
10
2.45
0.074
3.0
Cooper
SD52-2R2-R
2.2
2.30
0.0385
2.0
SD52-3R5-R
3.5
1.82
0.0503
2.0
SD52-4R7-R
4.7
1.64
0.0568
2.0
SD6030-5R8-R
5.8
1.8
0.045
3.0
SD7030-8R0-R
8.0
1.85
0.058
3.0
SD7030-100-R
10.0
1.7
0.065
3.0
Toko
A997AS-2R2N
2.2
1.6
0.06
1.8
A997AS-3R3N
3.3
1.2
0.07
1.8
A997AS-4R7M
4.7
1.07
0.1
1.8
Würth
7447745022
2.2
3.5
0.036
2.0
7447745033
3.3
3.0
0.045
2.0
7447745047
4.7
2.4
0.057
2.0
7447745076
7.6
1.8
0.095
2.0
7447445100
10
1.6
0.12
2.0
The prior analysis is valid for continuous mode operation
(IOUT > ΔILIM / 2). For details of maximum output current
in discontinuous mode operation, see Linear Technology’s
Application Note AN44. Finally, for duty cycles greater
than 50% (VOUT/VIN > 0.5), a minimum inductance is
required to avoid subharmonic oscillations. This minimum
inductance is
LV
V
f
MIN
OUT
F
SW
=+
()•
.
14
where fSW is in MHz and LMIN is in μH.
If using external synchronization, calculate LMIN using the
RT frequency and not the SYNC frequency.
Frequency Compensation
The LT3509 uses current mode control to regulate the
output, which simplifies loop compensation and allows
the necessary filter components to be integrated. The fixed
internal compensation network has been chosen to give
stable operation over a wide range of operating conditions
but assumes a minimum load capacitance. The LT3509
does not depend on the ESR of the output capacitor for
stability so the designer is free to use ceramic capacitors
to achieve low output ripple and small PCB footprint.
Figure 10 shows an equivalent circuit for the LT3509 control
loop. The error amp is a transconductance amplifier with
finite output impedance. The power section, consisting of
the modulator, power switch and inductor is modeled as a
transconductance amplifier generating an output current
proportional to the voltage at the COMP-NODE. The gain
of the power stage (gmp) is 1.1S. Note that the output
capacitor integrates this current and that the internal
capacitor integrates the error amplifier output current,
resulting in two poles in the loop. In most cases, a zero is
required and comes either from the output capacitor ESR


Similar Part No. - LT3509

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509 Datasheet
301Kb / 24P
   36V 500mA Step-Down Regulator and 200mA LDO
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
More results

Similar Description - LT3509

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3509 LINER-LT3509_15 Datasheet
281Kb / 24P
   Dual 36V, 700mA Step-Down Regulator
LTM8025 LINER-LTM8025_15 Datasheet
371Kb / 22P
   36V, 3A Step-Down Module Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com