Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3507HUHF-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3507HUHF-PBF
Description  Triple Monolithic Step-Down Regulator with LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3507HUHF-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3507HUHF-PBF Datasheet HTML 2Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 3Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 4Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 5Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 6Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 7Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 8Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 9Page - Linear Technology LT3507HUHF-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3507
6
3507f
TYPICAL PERFORMANCE CHARACTERISTICS
VIN1-VINSW Voltage Drop vs IVINSW
Current Limit vs Duty Cycle
Minimum On-Time vs ISW
RUN Threshold vs Temperature
Minimum Off-Time vs ISW
TEMPERATURE (°C)
–50
1.2
1.0
0.6
0.4
0.2
0.8
0.0
130
–10
3507 G10
150
90
70
50
30
110
–30
IVINSW (mA)
0
0.40
0.20
0.30
0.35
0.25
0.15
0.05
0.10
0.00
0.8
0.4
3507 G12
1.0
0.6
0.2
TA = 25°C
DUTY CYCLE (%)
0
4.5
2.0
3.0
3.5
4.0
2.5
1.5
0.5
1.0
0.0
80
40
3507 G13
100
60
20
CHANNEL 1
CHANNELS 2 & 3
TA = 25°C
ISW (A)
0
250
150
200
50
100
0
3507 G14
3
2
1
150°C
25°C
–40°C
ISW (A)
0
200
150
50
100
0
2
2.5
1
3507 G15
3
1.5
0.5
150°C
25°C
–40°C


Similar Part No. - LT3507HUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT3507HUHF LINEAR-LT3507HUHF Datasheet
280Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
More results

Similar Description - LT3507HUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3507A LINER-LT3507A Datasheet
384Kb / 8P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Dimensions Semic...
LT3507EUHFTRPBF LINEAR_DIMENSIONS-LT3507EUHFTRPBF Datasheet
307Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Technology
LT3507 LINER-LT3507_15 Datasheet
307Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
LT3507A LINER-LT3507A_15 Datasheet
381Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
Linear Integrated Syste...
LT3507EUHF LINEAR-LT3507EUHF Datasheet
280Kb / 28P
   Triple Monolithic Step-Down Regulator with LDO
logo
STMicroelectronics
L5964 STMICROELECTRONICS-L5964 Datasheet
369Kb / 16P
   Automotive monolithic dual step-down switching regulator with LDO
February 2022 Rev 1
logo
Linear Technology
LT8601 LINER-LT8601 Datasheet
1Mb / 26P
   42V Triple Monolithic Synchronous Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536 Datasheet
430Kb / 8P
   Monolithic 1A Step-Down Regulator
logo
Renesas Technology Corp
EL7535 RENESAS-EL7535 Datasheet
505Kb / 10P
   Monolithic 350mA Step-Down Regulator
logo
Intersil Corporation
EL7536 INTERSIL-EL7536_06 Datasheet
186Kb / 9P
   Monolithic 1A Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com